| Electronic Components Datasheet Search |
|
ST72321AR7-Auto Datasheet(PDF) 163 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321AR7-Auto Datasheet(HTML) 163 Page - STMicroelectronics |
|
163 / 243 page ![]() ST72321xx-Auto I2C bus interface (I2C) Doc ID 13829 Rev 1 163/243 16.5 Low power modes 16.6 Interrupts Figure 69. Interrupt control logic diagram Note: The I2C interrupt events are connected to the same interrupt vector (see Interrupts chapter). They generate an interrupt if the corresponding Enable Control bit is set and the I-bit in the CC register is reset (RIM instruction). Table 81. Effect of low power modes on I2C Mode Effect Wait No effect on I2C interface. I2C interrupts cause the device to exit from Wait mode. Halt I2C registers are frozen. In Halt mode, the I2C interface is inactive and does not acknowledge data on the bus. The I2C interface resumes operation when the MCU is woken up by an interrupt with “exit from Halt mode” capability. Table 82. I2C interrupt control/wake-up capability Interrupt event Event flag Enable control bit Exit from Wait Exit from Halt 10-bit Address Sent Event (Master mode) ADD10 ITE Yes No End of Byte Transfer Event BTF Address Matched Event (Slave mode) ADSEL Start Bit Generation Event (Master mode) SB Acknowledge Failure Event AF Stop Detection Event (Slave mode) STOPF Arbitration Lost Event (Multimaster configuration) ARLO Bus Error Event BERR BTF ADSL SB AF STOPF ARLO BERR EVF INTERRUPT ITE * * EVF can also be set by EV6 or an error from the SR2 register. ADD10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |