Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321AR7-Auto Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 164Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 165Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 166Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 167Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 168Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 169Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 170Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 171Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 243 page
background image
I2C bus interface (I2C)
ST72321xx-Auto
168/243
Doc ID 13829 Rev 1
16.7.4
I2C clock control register (CCR)
2ARLO
Arbitration lost
This bit is set by hardware when the interface loses the arbitration of the bus to
another master. An interrupt is generated if ITE = 1. It is cleared by software reading
SR2 register or by hardware when the interface is disabled (PE = 0).
After an ARLO event the interface switches back automatically to Slave mode
(M/SL = 0).
The SCL line is not held low while ARLO = 1.
0: No arbitration lost detected
1: Arbitration lost detected
Note: In a Multimaster environment, when the interface is configured in Master
Receive mode it does not perform arbitration during the reception of the
Acknowledge bit. Mishandling of the ARLO bit from the I2CSR2 register may occur
when a second master simultaneously requests the same data from the same slave
and the I2C master does not acknowledge the data. The ARLO bit is then left at 0
instead of being set.
1BERR
Bus error
This bit is set by hardware when the interface detects a misplaced Start or Stop
condition. An interrupt is generated if ITE = 1. It is cleared by software reading SR2
register or by hardware when the interface is disabled (PE = 0).
The SCL line is not held low while BERR = 1.
0: No misplaced Start or Stop condition
1: Misplaced Start or Stop condition
Note: If a Bus Error occurs, a Stop or a repeated Start condition should be
generated by the Master to re-synchronize communication, get the transmission
acknowledged and the bus released for further communication.
0GCAL
General Call (Slave mode)
This bit is set by hardware when a general call address is detected on the bus while
ENGC = 1. It is cleared by hardware detecting a Stop condition (STOPF = 1) or
when the interface is disabled (PE = 0).
0: No general call address detected on bus
1: General call address detected on bus
Table 85.
SR2 register description (continued)
Bit
Name
Function
CCR
Reset value: 0000 0000 (00h)
76
543
21
0
FM/SM
CC[6:0]
RW
RW
Table 86.
CCR register description
Bit
Name
Function
7FM/SM
Fast/Standard I2C mode
This bit is set and cleared by software. It is not cleared when the interface is
disabled (PE = 0).
0: Standard I2C mode
1: Fast I2C mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com