Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321AR7-Auto Datasheet(PDF) 197 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 197 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 193Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 194Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 195Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 196Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 197Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 198Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 199Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 200Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 243 page
background image
ST72321xx-Auto
Electrical characteristics
Doc ID 13829 Rev 1
197/243
19.5.4
RC oscillators
Figure 80.
Typical fOSC(RCINT) versus TA
Note:
To reduce disturbance to the RC oscillator, it is recommended to place decoupling
capacitors between VDD and VSS as shown in Figure 100.
Table 117.
OSCRANGE selection for typical resonators
Supplier
fOSC (MHz)
Typical ceramic resonators(1)
1.
Resonator characteristics given by the ceramic resonator manufacturer. For more information on these
resonators, please consult www.murata.com.
Reference
Recommended OSCRANGE option bit
configuration
Murata
2
CSTCC2M00G56A-R0
MP mode(2)
2.
LP mode is not recommended for 2 MHz resonator because the peak to peak amplitude is too small
(> 0.8V).
4
CSTCR4M00G55B-R0
MS mode
8
CSTCE8M00G55A-R0
HS mode
16
CSTCE16M0G53A-R0
Table 118.
RC oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC(RCINT)
Internal RC oscillator frequency
(see Figure 80)
TA =25°C, VDD =5V
2
3.5
5.6
MHz
3
3.2
3.4
3.6
3.8
4
-45
0
25
70
130
TA(°C)
Vdd = 5V
Vdd = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com