Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321AR7-Auto Datasheet(PDF) 223 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 223 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 219Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 220Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 221Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 222Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 223Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 224Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 225Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 226Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 243 page
background image
ST72321xx-Auto
Device configuration and ordering information
Doc ID 13829 Rev 1
223/243
21
Device configuration and ordering information
Each device is available for production in user programmable versions (Flash) as well as in
factory coded versions (ROM/FASTROM).
ST72321-Auto devices are ROM versions, ST72P321-Auto devices are Factory Advanced
Service Technique ROM (FASTROM) versions: They are factory-programmed HDFlash
devices. Flash devices are shipped to customers with a default content, whereas
ROM/FASTROM factory coded parts contain the code supplied by the customer. This
implies that Flash devices have to be configured by the customer using the option bytes
while the ROM/FASTROM devices are factory-configured.
Detailed device configuration and ordering information is presented in the following
Section 21.1: Flash devices and Section 21.2: ROM device ordering information and
transfer of customer code.
21.1
Flash devices
21.1.1
Flash configuration
The option bytes allow the hardware configuration of the microcontroller to be selected.
They have no address in the memory map and can be accessed only in programming mode
(for example, using a standard ST7 programming tool). The default content of the Flash is
fixed to FFh. To program the Flash devices directly using ICP, Flash devices are shipped to
customers with the internal RC clock source enabled. In masked ROM devices, the option
bytes are fixed in hardware by the ROM code (see option list).
Table 140.
Flash option bytes
Static option byte 0
Static option byte 1
7
6543210
7
6
5
4
3
2
1
0
WDG
Res
VD
Res
OSCTYPE
OSCRANGE
HALT
SW
1
0
10
21
0
Default
value:
1
1100111
1
1
1
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com