Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321AR7-Auto Datasheet(PDF) 230 Page - STMicroelectronics

Part # ST72321AR7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321AR7-Auto Datasheet(HTML) 230 Page - STMicroelectronics

Back Button ST72321AR7-Auto Datasheet HTML 226Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 227Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 228Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 229Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 230Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 231Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 232Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 233Page - STMicroelectronics ST72321AR7-Auto Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 243 page
background image
Device configuration and ordering information
ST72321xx-Auto
230/243
Doc ID 13829 Rev 1
ST72321-Auto Microcontroller FASTROM/ROM Option List
(Last update August 2007)
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
------------------------------------------------------------------------------------------------------------------------------------------------------
FASTROM DEVICE:
60K
48K
32K
------------------------------------------------------------------------------------------------------------------------------------------------------
LQFP44 10x10:
[ ] ST72P321(J9)T
[ ] ST72P321(J7)T
LQFP64 10x10:
[ ] ST72P321(AR9)T
[ ] ST72P321(AR7)T
[ ] ST72P321(AR6)T
LQFP64 14x14:
[ ] ST72P321(R9)T
[ ] ST72P321(R7)T
[ ] ST72P321(R6)T
-------------------------------------------------------------------------------------------------------------------------------------------------------
-------------------------------------------------------------------------------------------------------------------------------------------------------
ROM DEVICE:
60K
48K
32K
-------------------------------------------------------------------------------------------------------------------------------------------------------
LQFP44 10x10:
[ ] ST72321(J9)T
[ ] ST72321(J7)T
LQFP64 10x10:
[ ] ST72321(AR9)T
[ ] ST72321(AR7)T
[ ] ST72321(AR6)T
LQFP64 14x14:
[ ] ST72321(R9)T
[ ] ST72321(R7)T
[ ] ST72321(R6)T
-------------------------------------------------------------------------------------------------------------------------------------------------------
Conditioning for LQFP package (check only one option):
[ ] Tape & Reel
[ ] Tray
Temperature range :
[ ] A (-40°C to +85°C)
[ ] B (-40°C to +105°C)
[ ] C (-40°C to +125°C)
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (10 characters max)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Clock Source Selection:
[ ] Resonator:
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
[ ] Internal RC(1)
[ ] External Clock (sets MP Medium Power resonator in Option Byte)
PLL(2)
[ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] High threshold
[ ] Med.threshold
[ ] Low threshold
Reset Delay
[ ] 256 Cycles
[ ] 4096 Cycles
Watchdog Selection
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt:
[ ] Reset
[ ] No Reset
Readout Protection(3):
[ ] Disabled
[ ] Enabled
Date. . . . . . . . . . . . . .
Signature . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1: Internal RC can only be used if LVD is enabled
Note 2: PLL must not be enabled if internal RC or External Clock is selected.
Note 3: Readout protection not supported if LVD is enabled.
Caution: The Readout Protection binary value is inverted between ROM and Flash products. The option byte checksum will
differ between ROM and Flash.
Please download the latest version of this option list from www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com