Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7-Auto Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST72321J7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7-Auto Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST72321J7-Auto Datasheet HTML 109Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 110Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 111Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 112Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 113Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 114Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 115Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 116Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 243 page
background image
ST72321xx-Auto
16-bit timer
Doc ID 13829 Rev 1
113/243
13.7
16-bit timer registers
Each timer is associated with 3 control and status registers, and with 6 pairs of data
registers (16-bit values) relating to the 2 input captures, the 2 output compares, the counter
and the alternate counter.
13.7.1
Control register 1 (CR1)
One Pulse mode
No
Not
recommended(1)
No
Partially(2)
PWM mode
Not
recommended(3)
No
1.
See Note 4 in Section 13.3.6 One Pulse mode
2.
See Note 5 in Section 13.3.6 One Pulse mode
3.
See Note 4 in Section 13.3.7 Pulse width modulation mode
Table 58.
Timer modes
Modes
Timer resources
Input
Capture 1
Input
Capture 2
Output
Compare 1
Output
Compare 2
CR1
Reset value: 0000 0000 (00h)
76
543
21
0
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1
RW
RW
RW
RW
RW
RW
RW
RW
Table 59.
CR1 register description
Bit
Name
Function
7ICIE
Input Capture Interrupt Enable
0: Interrupt is inhibited
1: A timer interrupt is generated whenever the ICF1 or ICF2 bit of the SR register is
set.
6OCIE
Output Compare Interrupt Enable
0: Interrupt is inhibited
1: A timer interrupt is generated whenever the OCF1 or OCF2 bit of the SR register
is set.
5
TOIE
Timer Overflow Interrupt Enable
0: Interrupt is inhibited
1: A timer interrupt is enabled whenever the TOF bit of the SR register is set.
4FOLV2
Forced Output Compare 2
This bit is set and cleared by software.
0: No effect on the OCMP2 pin
1: Forces the OLVL2 bit to be copied to the OCMP2 pin, if the OC2E bit is set and
even if there is no successful comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com