Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7-Auto Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST72321J7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7-Auto Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST72321J7-Auto Datasheet HTML 160Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 161Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 162Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 163Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 164Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 165Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 166Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 167Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 243 page
background image
I2C bus interface (I2C)
ST72321xx-Auto
164/243
Doc ID 13829 Rev 1
16.7
Register description
16.7.1
I2C control register (CR)
CR
Reset value: 0000 0000 (00h)
76
543
21
0
Reserved
PE
ENGC
START
ACK
STOP
ITE
-
RWRW
RWRW
RWRW
Table 83.
CR register description
Bit
Name
Function
7:6
-
Reserved. Forced to 0 by hardware.
5PE
Peripheral enable
This bit is set and cleared by software.
0: Peripheral disabled
1: Master/Slave capability
Notes:
- When PE = 0, all the bits of the CR register and the SR register except the Stop
bit are reset. All outputs are released while PE = 0
- When PE = 1, the corresponding I/O pins are selected by hardware as alternate
functions.
To enable the I2C interface, write the CR register TWICE with PE = 1 as the first
write only activates the interface (only PE is set).
4ENGC
Enable General Call
This bit is set and cleared by software. It is also cleared by hardware when the
interface is disabled (PE = 0). The 00h General Call address is acknowledged (01h
ignored).
0: General Call disabled
1: General Call enabled
Note: In accordance with the I2C standard, when GCAL addressing is enabled, an
I2C slave can only receive data. It will not transmit data to the master.
3START
Generation of a Start condition
This bit is set and cleared by software. It is also cleared by hardware when the
interface is disabled (PE = 0) or when the Start condition is sent (with interrupt
generation if ITE = 1).
In Master mode
0: No start generation
1: Repeated start generation
In Slave mode
0: No start generation
1: Start generation when the bus is free
2ACK
Acknowledge enable
This bit is set and cleared by software. It is also cleared by hardware when the
interface is disabled (PE = 0).
0: No acknowledge returned
1: Acknowledge returned after an address byte or a data byte is received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com