Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7-Auto Datasheet(PDF) 194 Page - STMicroelectronics

Part # ST72321J7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7-Auto Datasheet(HTML) 194 Page - STMicroelectronics

Back Button ST72321J7-Auto Datasheet HTML 190Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 191Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 192Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 193Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 194Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 195Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 196Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 197Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 243 page
background image
Electrical characteristics
ST72321xx-Auto
194/243
Doc ID 13829 Rev 1
19.4.3
On-chip peripherals
Measured on LQFP64 generic board TA = 25°C, fCPU =4MHz.
Table 113.
On-chip peripherals current consumption
Symbol
Parameter
Conditions
Typ
Unit
IDD(TIM)
16-bit timer supply current(1)
1.
Data based on a differential IDD measurement between reset configuration (timer counter running at
fCPU/4) and timer counter stopped (only TIMD bit set). Data valid for one timer.
VDD  5.0V
50
µA
IDD(ART)
ART PWM supply current(2)
2.
Data based on a differential IDD measurement between reset configuration (timer stopped) and timer
counter enabled (only TCE bit set).
VDD  5.0V
75
µA
IDD(SPI)
SPI supply current(3)
3.
Data based on a differential IDD measurement between reset configuration (SPI disabled) and a permanent
SPI master communication at maximum speed (data sent equal to 55h). This measurement includes the
pad toggling consumption.
VDD  5.0V
400
µA
IDD(SCI)
SCI supply current(4)
4.
Data based on a differential IDD measurement between SCI low power state (SCID = 1) and a permanent
SCI data transmit sequence.
IDD(I2C)
I2C supply current(5)
5.
Data based on a differential IDD measurement between reset configuration (I2C disabled) and a permanent
I2C master communication at 100 kHz (data sent equal to 55h). This measurement includes the pad
toggling consumption (27k ohm external pull-up on clock and data lines).
VDD  5.0V
175
µA
IDD(ADC) ADC supply current when converting
(6)
6.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.
VDD  5.0V
400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com