Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J7-Auto Datasheet(PDF) 224 Page - STMicroelectronics

Part # ST72321J7-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J7-Auto Datasheet(HTML) 224 Page - STMicroelectronics

Back Button ST72321J7-Auto Datasheet HTML 220Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 221Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 222Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 223Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 224Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 225Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 226Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 227Page - STMicroelectronics ST72321J7-Auto Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 243 page
background image
Device configuration and ordering information
ST72321xx-Auto
224/243
Doc ID 13829 Rev 1
Table 141.
Option byte 0 bit description
Bit
Name
Function
OPT7
WDG HALT
Watchdog and Halt mode
This option bit determines if a RESET is generated when entering
Halt mode while the Watchdog is active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6
WDG SW
Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5
-
Reserved, must be kept at default value.
OPT4:3
VD[1:0]
Voltage detection
These option bits enable the voltage detection block (LVD and AVD)
with a selected threshold for the LVD and AVD (EVD + AVD).
00: Selected LVD = Highest threshold (VDD~4V)
01: Selected LVD = Medium threshold (VDD~3.5V)
10: Selected LVD = Lowest threshold (VDD~3V)
11: LVD and AVD off
Caution: If the medium or low thresholds are selected, the detection
may occur outside the specified operating voltage range. Below 3.8V,
device operation is not guaranteed. For details on the AVD and LVD
threshold levels refer to Table 19.3.2: Operating conditions with low
voltage detector (LVD).
OPT2
-
Reserved, must be kept at default value.
OPT1
PKG0
Package selection bit 0
This option bit is used with the PKG1 bit to select the package (see
Table 143: Package selection (OPT7)).
OPT0
FMP_R
Flash memory readout protection
Readout protection, when selected, provides a protection against
program memory content extraction and against write access to Flash
memory.
Erasing the option bytes when the FMP_R option is selected causes
the whole user memory to be erased first, after which the device can
be reprogrammed. Refer to Section 4.3.1: Readout protection on
page 30 and the ST7 Flash Programming Reference Manual for more
details.
Note: Readout protection is not supported if LVD is enabled.
0: Readout protection enabled
1: Readout protection disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com