Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J9-Auto Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST72321J9-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J9-Auto Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST72321J9-Auto Datasheet HTML 116Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 117Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 118Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 119Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 120Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 121Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 122Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 123Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 243 page
background image
16-bit timer
ST72321xx-Auto
120/243
Doc ID 13829 Rev 1
Related documentation
SCI software communications using 16-bit timer (AN 973)
Real-time Clock with ST7 Timer Output Compare (AN 974)
Driving a buzzer through the ST7 Timer PWM function (AN 976)
Using ST7 PWM signal to generate analog input (sinusoid) (AN1041)
UART emulation software (AN1046)
PWM duty cycle switch implementing true 0 or 100 per cent duty cycle (AN1078)
Starting a PWM signal directly at high level using the ST7 16-bit timer (AN1504)
Table 63.
16-bit timer register map and reset values
Address
(Hex.)
Register
label
765432
1
0
Timer A: 32
Timer B: 42
CR1
Reset value
ICIE
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
IEDG1
0
OLVL1
0
Timer A: 31
Timer B: 41
CR2
Reset value
OC1E
0
OC2E
0
OPM
0
PWM
0
CC1
0
CC0
0
IEDG2
0
EXEDG
0
Timer A: 33
Timer B: 43
CSR
Reset value
ICF1
x
OCF1
x
TOF
x
ICF2
x
OCF2
x
TIMD
0
-
x
-
x
Timer A: 34
Timer B: 44
IC1HR
Reset value
MSB
xx
xxxx
x
LSB
x
Timer A: 35
Timer B: 45
IC1LR
Reset value
MSB
xx
xxxx
x
LSB
x
Timer A: 36
Timer B: 46
OC1HR
Reset value
MSB
100000
0
LSB
0
Timer A: 37
Timer B: 47
OC1LR
Reset value
MSB
000000
0
LSB
0
Timer A: 3E
Timer B: 4E
OC2HR
Reset value
MSB
100000
0
LSB
0
Timer A: 3F
Timer B: 4F
OC2LR
Reset value
MSB
000000
0
LSB
0
Timer A: 38
Timer B: 48
CHR
Reset value
MSB
111111
1
LSB
1
Timer A: 39
Timer B: 49
CLR
Reset value
MSB
111111
0
LSB
0
Timer A: 3A
Timer B: 4A
ACHR
Reset value
MSB
111111
1
LSB
1
Timer A: 3B
Timer B: 4B
ACLR
Reset value
MSB
111111
0
LSB
0
Timer A: 3C
Timer B: 4C
IC2HR
Reset value
MSB
xx
xxxx
x
LSB
x
Timer A: 3D
Timer B: 4D
IC2LR
Reset value
MSB
xx
xxxx
x
LSB
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com