Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J9-Auto Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST72321J9-Auto
Description  PLL for 2x frequency multiplication
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J9-Auto Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST72321J9-Auto Datasheet HTML 165Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 166Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 167Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 168Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 169Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 170Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 171Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 172Page - STMicroelectronics ST72321J9-Auto Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 243 page
background image
ST72321xx-Auto
I2C bus interface (I2C)
Doc ID 13829 Rev 1
169/243
16.7.5
I2C data register (DR)
16.7.6
I2C own address register (OAR1)
6:0
CC[6:0]
7-bit clock divider
These bits select the speed of the bus (fSCL) depending on the I
2C mode. They are
not cleared when the interface is disabled (PE = 0).
Refer to Section 19: Electrical characteristics for the table of values.
Note: The programmed fSCL assumes no load on SCL and SDA lines.
Table 86.
CCR register description (continued)
Bit
Name
Function
DR
Reset value: 0000 0000 (00h)
76
543
21
0
D[7:0]
RW
Table 87.
DR register description
Bit
Name
Function
7:0
D[7:0]
8-bit Data Register
These bits contain the byte to be received or transmitted on the bus.
Transmitter mode: Byte transmission start automatically when the software writes
in the DR register.
Receiver mode: The first data byte is received automatically in the DR register
using the least significant bit of the address.
Then, the following data bytes are received one by one after reading the DR
register.
OAR1
Reset value: 0000 0000 (00h)
76
543
21
0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com