| Electronic Components Datasheet Search |
|
ST72344K4 Datasheet(PDF) 154 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344K4 Datasheet(HTML) 154 Page - STMicroelectronics |
|
154 / 247 page ![]() On-chip peripherals ST72344xx, ST2345xx 154/247 Doc ID 12321 Rev 6 new interrupt. Software must ensure either that the SCL line is back at 0 before reading the SR2 register, or be able to correctly handle a second interrupt during the 9th pulse of a transmitted byte. Note: In both cases, SCL line is not held low; however, the SDA line can remain low if the last bits transmitted are all 0. It is then necessary to release both lines by software. The SCL line is not held low while AF=1 but by other flags (SB or BTF) that are set at the same time. How to release the SDA / SCL lines Set and subsequently clear the STOP bit while BTF is set. The SDA/SCL lines are released after the transfer of the current byte. SMBus compatibility ST7 I2C is compatible with SMBus V1.1 protocol. It supports all SMBus addressing modes, SMBus bus protocols and CRC-8 packet error checking. Refer to AN1713: SMBus Slave Driver For ST7 I2C Peripheral. Master mode To switch from default Slave mode to Master mode a Start condition generation is needed. Start condition Setting the START bit while the BUSY bit is cleared causes the interface to switch to Master mode (M/SL bit set) and generates a Start condition. Once the Start condition is sent: ● The EVF and SB bits are set by hardware with an interrupt if the ITE bit is set. Then the master waits for a read of the SR1 register followed by a write in the DR register with the Slave address, holding the SCL line low (see Figure 69 Transfer sequencing EV5). Slave address transmission Then the slave address is sent to the SDA line via the internal shift register. In 7-bit addressing mode, one address byte is sent. In 10-bit addressing mode, sending the first byte including the header sequence causes the following event: ● The EVF bit is set by hardware with interrupt generation if the ITE bit is set. Then the master waits for a read of the SR1 register followed by a write in the DR register, holding the SCL line low (see Figure 69 Transfer sequencing EV9). Then the second address byte is sent by the interface. After completion of this transfer (and acknowledge from the slave if the ACK bit is set): ● The EVF bit is set by hardware with interrupt generation if the ITE bit is set. Then the master waits for a read of the SR1 register followed by a write in the CR register (for example set PE bit), holding the SCL line low (see Figure 69 Transfer sequencing EV6). Next the master must enter Receiver or Transmitter mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |