Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361K4-Auto Datasheet(PDF) 278 Page - STMicroelectronics

Part # ST72361K4-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K4-Auto Datasheet(HTML) 278 Page - STMicroelectronics

Back Button ST72361K4-Auto Datasheet HTML 271Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 272Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 273Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 274Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 275Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 276Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 277Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 278Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 279Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 278 / 279 page
background image
Revision history
ST72361xx-Auto
278/279
Doc ID 12468 Rev 3
19-Sep-2006
1
(continued)
Updated “ST72361-Auto MICROCONTROLLER OPTION LIST” on page 215 as
follows:
- added 16K devices to FASTROM options
- specified “7” as maximum number of special marking characters for TQFP32
package
- replaced Standard and Automotive temperature versions with temperature ranges
A and B
- removed footnote “16K ROM in automotive version only”
Changed Section 15 on page 216 and added Table 37 on page 216
Deleted Section 15.1.5 “Clearing active interrupts outside interrupt routine” (text
already exists in Section 16.1.2 on page 217)
Added Section 16.1.5 on page 219
Updated disclaimer (last page) to include a mention about the use of ST products in
automotive applications
07-Mar-2008
2
Removed ‘mcu’ from the URL reference in “PROGRAMMING TOOLS” on page 1
Removed section on “SOLDERING AND GLUEABILITY INFORMATION” and
replaced with “Soldering information”
02-Aug-2010
3
Updated following figures:
Figure 128: ST72F361xx-Auto Flash commercial product structure on page 264
Figure 129: ST72P361xxx-Auto FastROM commercial product structure on
page 265
Figure 130: ST72361xx-Auto ROM commercial product structure on page 266
Added Section 20.4: Packaging for automatic handling on page 259
Table 120.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com