Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72325AR9-Auto Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST72325AR9-Auto
Description  SCI asynchronous serial interface
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9-Auto Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST72325AR9-Auto Datasheet HTML 175Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 176Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 177Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 178Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 179Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 180Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 181Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 182Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 243 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST72325xxx-Auto
10-bit A/D converter (ADC)
Doc ID 13770 Rev 3
179/243
17.6.2
Data register (ADCDRH)
5ADON
A/D Converter on
This bit is set and cleared by software.
0: Disable ADC and stop conversion
1: Enable ADC and start conversion
4
-
Reserved. Must be kept cleared
3:0
CH[3:0]
Channel Selection
These bits are set and cleared by software. They select the analog input to convert.
0000: Channel pin = AIN0
0001: Channel pin = AIN1
0010: Channel pin = AIN2
0011: Channel pin = AIN3
0100: Channel pin = AIN4
0101: Channel pin = AIN5
0110: Channel pin = AIN6
0111: Channel pin = AIN7
1000: Channel pin = AIN8
1001: Channel pin = AIN9
1010: Channel pin = AIN10
1011: Channel pin = AIN11
1100: Channel pin = AIN12
1101: Channel pin = AIN13
1110: Channel pin = AIN14
1111: Channel pin = AIN15
Note: The number of channels is device dependent. Refer to the device pinout
description.
Table 93.
ADCCSR register description (continued)
Bit
Name
Function
ADCDRH
Reset value: 0000 0000 (00h)
76
543
21
0
D[9:2]
RO
Table 94.
ADCDRH register description
Bit
Name
Function
7:0
D[9:2]
MSB of Converted Analog Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com