| Electronic Components Datasheet Search |
|
ST72561K9-Auto Datasheet(PDF) 222 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561K9-Auto Datasheet(HTML) 222 Page - STMicroelectronics |
|
222 / 324 page ![]() beCAN controller (beCAN) ST72561-Auto 222/324 Doc ID 12370 Rev 8 By transmit request order: the transmit mailboxes can be configured as a transmit FIFO by setting the TXFP bit in the CMCR register. In this mode the priority order is given by the transmit request order. This mode is very useful for segmented transmission. Abort A transmission request can be aborted by the user setting the ABRQ bit in the MCSR register. In pending or scheduled state, the mailbox is aborted immediately. An abort request while the mailbox is in transmit state can have two results. If the mailbox is transmitted successfully the mailbox becomes empty with the TXOK bit set in the MCSR and CTSR registers. If the transmission fails, the mailbox becomes scheduled, the transmission is aborted and becomes empty with TXOK cleared. In all cases the mailbox will become empty again at least at the end of the current transmission. Non-automatic retransmission mode To configure the hardware in this mode the NART bit in the CMCR register must be set. In this mode, each transmission is started only once. If the first attempt fails, due to an arbitration loss or an error, the hardware will not automatically restart the message transmission. At the end of the first transmission attempt, the hardware considers the request as completed and sets the RQCP bit in the MCSR register. The result of the transmission is indicated in the MCSR register by the TXOK, ALST and TERR bits. Figure 100. Transmit mailbox states 17.4.2 Reception handling For the reception of CAN messages, three mailboxes organized as a FIFO are provided. In order to save CPU load, simplify the software and guarantee data consistency, the FIFO is EMPTY TXRQ=1 RQCP=X TXOK=X PENDING RQCP=0 TXOK=0 SCHEDULED RQCP=0 TXOK=0 Mailbox has TRANSMIT RQCP=0 TXOK=0 CAN Bus = IDLE Transmit failed * NART Transmit succeeded Mailbox does not EMPTY RQCP=1 TXOK=0 highest priority have highest priority EMPTY RQCP=1 TXOK=1 ABRQ=1 ABRQ=1 Transmit failed * NART TME = 1 TME = 0 TME = 0 TME = 0 TME = 1 TME = 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |