Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561J6-Auto Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST72561J6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561J6-Auto Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST72561J6-Auto Datasheet HTML 141Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 142Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 143Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 144Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 145Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 146Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 147Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 148Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 324 page
background image
ST72561-Auto
Serial peripheral interface (SPI)
Doc ID 12370 Rev 8
145/324
14
Serial peripheral interface (SPI)
14.1
Introduction
The Serial Peripheral Interface (SPI) allows full-duplex, synchronous, serial communication
with external devices. An SPI system may consist of a master and one or more slaves or a
system in which devices may be either masters or slaves.
14.2
Main features
●
Full duplex synchronous transfers (on three lines)
●
Simplex synchronous transfers (on two lines)
●
Master or slave operation
●
6 master mode frequencies (fCPU/4 max.)
●
fCPU/2 max. slave mode frequency (see note)
●
SS Management by software or hardware
●
Programmable clock polarity and phase
●
End of transfer interrupt flag
●
Write collision, Master Mode Fault and Overrun flags
Note:
In slave mode, continuous transmission is not possible at maximum frequency due to the
software overhead for clearing status flags and to initiate the next transmission sequence.
14.3
General description
Figure 70 shows the serial peripheral interface (SPI) block diagram. There are three
registers:
●
SPI Control Register (SPICR)
●
SPI Control/Status Register (SPICSR)
●
SPI Data Register (SPIDR)
The SPI is connected to external devices through four pins:
●
MISO: Master In / Slave Out data
●
MOSI: Master Out / Slave In data
●
SCK: Serial Clock out by SPI masters and input by SPI slaves
●
SS: Slave select:
This input signal acts as a ‘chip select’ to let the SPI master communicate with slaves
individually and to avoid contention on the data lines. Slave SS inputs can be driven by
standard I/O ports on the master Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com