Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561J6-Auto Datasheet(PDF) 195 Page - STMicroelectronics

Part # ST72561J6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561J6-Auto Datasheet(HTML) 195 Page - STMicroelectronics

Back Button ST72561J6-Auto Datasheet HTML 191Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 192Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 193Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 194Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 195Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 196Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 197Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 198Page - STMicroelectronics ST72561J6-Auto Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 324 page
background image
ST72561-Auto
LINSCI serial communication interface (LIN master only)
Doc ID 12370 Rev 8
195/324
16
LINSCI serial communication interface (LIN master
only)
16.1
Introduction
The Serial Communications Interface (SCI) offers a flexible means of full-duplex data
exchange with external equipment requiring an industry standard NRZ asynchronous serial
data format. The SCI offers a very wide range of baud rates using two baud rate generator
systems.
16.2
Main features
●
Full duplex, asynchronous communications
●
NRZ standard format (Mark/Space)
●
Dual baud rate generator systems
●
Independently programmable transmit and receive baud rates up to 500K baud.
●
Programmable data word length (8 or 9 bits)
●
Receive buffer full, transmit buffer empty and end of transmission flags
●
2 receiver wake-up modes:
–
Address bit (MSB)
–
Idle line
●
Muting function for multiprocessor configurations
●
Separate enable bits for transmitter and receiver
●
4 error detection flags:
–
Overrun error
–
Noise error
–Frame error
–
Parity error
●
5 interrupt sources with flags:
–
Transmit data register empty
–
Transmission complete
–
Receive data register full
–
Idle line received
–
Overrun error detected
●
Transmitter clock output
●
Parity control:
–
Transmits parity bit
–
Checks parity of received data byte
●
Reduced power consumption mode
●
LIN synch break send capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com