Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 124Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 125Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 126Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 127Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 128Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 129Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 130Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 131Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 279 page
background image
8-bit timer (TIM8)
ST72361xx-Auto
128/279
Doc ID 12468 Rev 3
13.3.2
Input capture
In this section, the index, i, may be 1 or 2 because there are two input capture functions in
the 8-bit timer.
The two 8-bit input capture registers (IC1R and IC2R) are used to latch the value of the free
running counter after a transition is detected on the ICAPi pin (see Figure 63).
ICiR register is a read-only register.
The active transition is software programmable through the IEDGi bit of Control Registers
(CRi).
Timing resolution is one count of the free running counter (see Table 55).
Procedure
To use the input capture function select the following in the CR2 register:
●
Select the timer clock (CC[1:0]) (see Table 55).
●
Select the edge of the active transition on the ICAP2 pin with the IEDG2 bit (the ICAP2
pin must be configured as floating input or input with pull-up without interrupt if this
configuration is available).
And select the following in the CR1 register:
●
Set the ICIE bit to generate an interrupt after an input capture coming from either the
ICAP1 pin or the ICAP2 pin
●
Select the edge of the active transition on the ICAP1 pin with the IEDG1 bit (the ICAP1
pin must be configured as floating input or input with pull-up without interrupt if this
configuration is available).
When an input capture occurs:
●
ICFi bit is set.
●
The ICiR register contains the value of the free running counter on the active transition
on the ICAPi pin (see Figure 64).
●
A timer interrupt is generated if the ICIE bit is set and the interrupt mask is cleared in
the CC register. Otherwise, the interrupt remains pending until both conditions become
true.
Clearing the Input Capture interrupt request (that is, clearing the ICFi bit) is done in two
steps:
1.
Reading the SR register while the ICFi bit is set.
2.
An access (read or write) to the ICiR register.
Note:
1
The ICiR register contains the free running counter value which corresponds to the most
recent input capture.
2
The two input capture functions can be used together even if the timer also uses the two
output compare functions.
3
Once the ICIE bit is set both input capture features may trigger interrupt requests. If only
one is needed in the application, the interrupt routine software needs to discard the
unwanted capture interrupt. This can be done by checking the ICF1 and ICF2 flags and
resetting them both.
4
In One pulse Mode and PWM mode only Input Capture 2 can be used.
5
The alternate inputs (ICAP1 and ICAP2) are always directly connected to the timer. So any
transitions on these pins activates the input capture function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com