Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 169Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 170Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 171Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 172Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 173Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 174Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 175Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 176Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12468 Rev 3
173/279
15.8.7
Extended transmit prescaler division register (SCIETPR)
Read/ write
Reset value: 0000 0000 (00h)
Bits 7:0 = ETPR[7:0] 8-bit Extended Transmit Prescaler Register.
The extended baud rate generator is activated when a value other than 00h is stored in this
register. The clock frequency from the 16 divider (see Figure 79) is divided by the binary
factor set in the SCIETPR register (in the range 1 to 255).
The extended baud rate generator is not active after a reset.
Note:
In LIN slave mode, the conventional and extended baud rate generators are disabled.
15.9
LIN mode - functional description.
The block diagram of the Serial Control Interface, in LIN slave mode is shown in Figure 81.
It uses six registers:
●
3 control registers: SCICR1, SCICR2 and SCICR3
●
2 status registers: the SCISR register and the LHLR register mapped at the SCIERPR
address
●
A baud rate register: LPR mapped at the SCIBRR address and an associated fraction
register LPFR mapped at the SCIETPR address
The bits dedicated to LIN are located in the SCICR3. Refer to the register descriptions in
Section 15.10: LIN mode register descriptionfor the definitions of each bit.
15.9.1
Entering LIN mode
To use the LINSCI in LIN mode the following configuration must be set in SCICR3 register:
●
Clear the M bit to configure 8-bit word length.
●
Set the LINE bit.
Master
To enter master mode the LSLV bit must be reset In this case, setting the SBK bit will send
13 low bits.
Then the baud rate can programmed using the SCIBRR, SCIERPR and SCIETPR registers.
In LIN master mode, the conventional and/ or extended prescaler define the baud rate (as in
standard SCI mode)
Slave
Set the LSLV bit in the SCICR3 register to enter LIN slave mode. In this case, setting the
SBK bit will have no effect.
7
0
ETPR7
ETPR6
ETPR5
ETPR4
ETPR3
ETPR2
ETPR1
ETPR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com