Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 184 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 184 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 180Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 181Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 182Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 183Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 184Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 185Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 186Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 187Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 279 page
background image
LINSCI serial communication interface (LIN master/slave)
ST72361xx-Auto
184/279
Doc ID 12468 Rev 3
15.10
LIN mode register description
15.10.1
Status register (SCISR)
Read only
Reset value: 1100 0000 (C0h)
Bits 7:4 = same function as in SCI mode, please refer to Section 15.8: SCI mode register
description.
Bit 3 = LHE LIN Header Error.
During LIN header this bit signals three error types:
●
The LIN synch field is corrupted and the SCI is blocked in LIN synch state (LSF bit = 1).
●
A timeout occurred during LIN Header reception
●
An overrun error was detected on one of the header field (see OR bit description in
Section 15.8: SCI mode register description).
An interrupt is generated if RIE = 1 in the SCICR2 register. If blocked in the LIN synch state,
the LSF bit must first be reset (to exit LIN synch field state and then to be able to clear LHE
flag). Then it is cleared by the following software sequence: An access to the SCISR register
followed by a read to the SCIDR register.
0: no LIN header error
1: LIN header error detected
Note:
Apart from the LIN header this bit signals an overrun error as in SCI mode, (see description
in Section 15.8: SCI mode register description)
Bit 2 = NF Noise flag
In LIN master mode (LINE bit = 1 and LSLV bit = 0) this bit has the same function as in SCI
mode, please refer to Section 15.8: SCI mode register description
In LIN slave mode (LINE bit = 1 and LSLV bit = 1) this bit has no meaning.
Bit 1 = FE Framing error.
In LIN slave mode, this bit is set only when a real framing error is detected (if the stop bit is
dominant (0) and at least one of the other bits is recessive (1). It is not set when a break
occurs, the LHDF bit is used instead as a break flag (if the LHDM bit = 0). It is cleared by a
software sequence (an access to the SCISR register followed by a read to the SCIDR
register).
0: no Framing error
1: framing error detected
Bit 0 = PE Parity error.
This bit is set by hardware when a LIN parity error occurs (if the PCE bit is set) in receiver
mode. It is cleared by a software sequence (a read to the status register followed by an
access to the SCIDR data register). An interrupt is generated if PIE = 1 in the SCICR1
register.
0: no LIN parity error
1: LIN parity error detected
7
0
TDRE
TC
RDRF
IDLE
LHE
NF
FE
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com