Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 230 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 230 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 226Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 227Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 228Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 229Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 230Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 231Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 232Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 233Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 279 page
background image
Electrical characteristics
ST72361xx-Auto
230/279
Doc ID 12468 Rev 3
19.3
Operating conditions
19.3.1
General operating conditions
Figure 97.
fCPU maximum vs VDD
19.3.2
Operating conditions with low voltage detector (LVD)
Subject to general operating conditions for TA.
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal clock frequency
0
8
MHz
VDD
Extended operating voltage
No Flash write/ erase.
Analog parameters not
guaranteed.
3.8
4.5
V
Standard operating voltage
4.5
5.5
Operating voltage for flash write/
erase
VPP = 11.4 to 12.6V
TA
Ambient temperature range
A Suffix version
-40
85
°C
C Suffix version
125
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
1
0
3.5
4.0
4.5
5.0
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
3.8
6
5.5
FUNCTIONALITY GUARANTEED IN THIS AREA
UNLESS OTHERWISE SPECIFIED IN THE TABLES OF
PARAMETRIC DATA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD) Reset release threshold (VDD rise)
4.0(1)
1.
Data based on characterization results, not tested in production.
4.2
4.5
V
VIT-(LVD)
Reset generation threshold (VDD
fall)
3.8
4.0
4.25(1)
Vhys(LVD) LVD voltage threshold hysteresis
(1)
VIT+(LVD)-VIT-(LVD)
150
200
250
mV
VtPOR
VDD rise time rate
(1)
6µs/V
100
ms/V
tg(VDD)
VDD glitches filtered (not detected)
by LVD(1)
Measured at VIT-(LVD)
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com