Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 236 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 236 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 232Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 233Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 234Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 235Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 236Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 237Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 238Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 239Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 279 page
background image
Electrical characteristics
ST72361xx-Auto
236/279
Doc ID 12468 Rev 3
19.5.2
PLL characteristics
Operating conditions: VDD 3.8 to 5.5V @ TA 0 to 70°C
(a) or V
DD 4.5 to 5.5V @ TA -40 to
125°C
Figure 101. PLL jitter vs signal frequency(1)
1.
Measurement conditions: fCPU = 4 MHz, TA = 25°C
The user must take the PLL jitter into account in the application (for example in serial
communication or sampling of high frequency signals). The PLL jitter is a periodic effect,
which is integrated over several CPU cycles. Therefore, the longer the period of the
application signal, the less it is impacted by the PLL jitter.
Figure 124 shows the PLL jitter integrated on application signals in the range 125 kHz to
2 MHz. At frequencies of less than 125 kHz, the jitter is negligible.
a.
Data characterized but not tested
Table 97.
PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(PLL)
PLL Voltage Range
TA = 0 to +70°C
3.8
5.5
TA = -40 to +125°C4.5
fOSC
PLL input frequency
range
24
MHz
f
CPU/fCPU
PLL jitter(1)
1.
Data characterized but not tested.
fOSC = 4 MHz, VDD = 4.5 to
5.5V
See note(2)
2.
Under characterization.
%
fOSC = 2 MHz, VDD = 4.5 to
5.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2000
1000
500
250
125
Application Signal Frequency (KHz)
PLL ON
PLL OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com