Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 241 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 241 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 237Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 238Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 239Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 240Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 241Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 242Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 243Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 244Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 245Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 279 page
background image
ST72361xx-Auto
Electrical characteristics
Doc ID 12468 Rev 3
241/279
19.9
I/O port pin characteristics
19.9.1
General characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Table 105.
I/O characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage(1)
CMOS ports
0.3 x VDD
V
VIH
Input high level voltage(1)
0.7 x VDD
Vhys
Schmitt trigger voltage hysteresis(2)
1
VIL
Input low level voltage(1)
TTL ports
0.8
VIH
Input high level voltage(1)
2
Vhys
Schmitt trigger voltage hysteresis(2)
400
mV
IINJ(PIN)
Injected Current on PB3
VDD =5V
Flash devices
0
+4
mA
ROM devices
±4
Injected Current on any other I/O pin
±4
I
INJ(PIN)
(3)
Total injected current (sum of all I/O
and control pins)(4)
±25
Ilkg
Input leakage current on robust pins See Section 20.13: 10-bit ADC characteristics
Input leakage current(5)
VSS  VIN  VDD
±1
µA
IS
Static current consumption(6)
Floating input mode
200
RPU
Weak pull-up equivalent resistor(7)
VIN  VSS VDD = 5V
50
90
250
k
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time
CL = 50pF
Between 10% and 90%
25
ns
tr(IO)out
Output low to high level rise time
tw(IT)in
External interrupt pulse time(4)
1tCPU
1.
Data based on characterization results, not tested in production.
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
3.
When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise refer to IINJ(PIN)
specification. A positive injection is induced by VIN >VDD while a negative injection is induced by VIN <VSS. Refer to
Section 20.2: Absolute maximum ratings for more details.
4.
To generate an external interrupt, a minimum pulse width must be applied on an I/O port pin configured as an external
interrupt source.
5.
Leakage could be higher than max. if negative current is injected on adjacent pins.
6.
Configuration not recommended, all unused pins must be kept at a fixed voltage: Using the output mode of the I/O, for
example, or an external pull-up or pull-down resistor (see Figure 126). Data based on design simulation and/or technology
characteristics, not tested in production.
7.
The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics described in
Figure 127).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com