Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 248 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 248 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 244Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 245Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 246Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 247Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 248Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 249Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 250Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 251Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 279 page
background image
Electrical characteristics
ST72361xx-Auto
248/279
Doc ID 12468 Rev 3
19.11
Timer peripheral characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (output compare, input capture, external clock, PWM output...).
Table 109.
8-bit PWM-ART auto reload timer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tres(PWM) PWM resolution time
1tCPU
fCPU = 8 MHz
125
ns
fEXT
ART external clock
frequency
0fCPU/2
MHz
fPWM
PWM repetition rate
ResPWM PWM resolution
8
bit
VOS
PWM/DAC output step
voltage
VDD =5V, Res = 8-
bits
20
mV
tCOUNTER
Timer clock period when
internal clock is selected
fCPU =8 MHz
1
128
tCPU
0.125
16
µs
Table 110.
8-bit timer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(ICAP)in Input capture pulse time
1
tCPU
tres(PWM) PWM resolution time
2
fCPU = 8 MHz
250
ns
fPWM
PWM repetition rate
0
fCPU/4
MHz
ResPWM PWM resolution
8
bit
tCOUNTER Timer clock period
fCPU =8 MHz
2
8000
tCPU
0.250
1000
µs
Table 111.
16-bit timer characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(ICAP)in
Input capture pulse time
1
tCPU
tres(PWM)
PWM resolution time
2
fCPU = 8 MHz
250
ns
fEXT
Timer external clock
frequency
0fCPU/4
MHz
fPWM
PWM repetition rate
ResPWM
PWM resolution
16
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com