Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 255 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 255 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 251Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 252Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 253Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 254Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 255Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 256Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 257Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 258Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 259Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 279 page
background image
ST72361xx-Auto
Electrical characteristics
Doc ID 12468 Rev 3
255/279
ADC accuracy
Table 114.
ADC accuracy with fCPU = 8 MHz, fADC = 4 MHz RAIN < 10kW, VDD = 5V
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error(1)
1.
Data based on characterization results, not tested in production. ADC accuracy vs. negative injection
current: injecting negative current on any of the standard (non-robust) analog input pins should be avoided
as this significantly reduces the accuracy of the conversion being performed on another analog input. It is
recommended to add a Schottky diode (pin to ground) to standard analog pins which may potentially inject
negative current. The effect of negative injection current on robust pins is specified in Section 20.9: I/O port
pin characteristics.
Any positive injection current within the limits specified for IINJ(PIN) and IINJ(PIN) in Section 20.9: I/O port
pin characteristics does not affect the ADC accuracy
4Note(2)
2.
Under characterization.
LSB
|EO|
Offset error(1)
2.5
4
|EG|
Gain error(1)
3
|ED|
Differential linearity error(1)
1.5
2
|EL|
Integral linearity error(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com