Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR7-Auto Datasheet(PDF) 272 Page - STMicroelectronics

Part # ST72361AR7-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR7-Auto Datasheet(HTML) 272 Page - STMicroelectronics

Back Button ST72361AR7-Auto Datasheet HTML 268Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 269Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 270Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 271Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 272Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 273Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 274Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 275Page - STMicroelectronics ST72361AR7-Auto Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 279 page
background image
Important notes
ST72361xx-Auto
272/279
Doc ID 12468 Rev 3
PUSH CC
.ext1_rt; entry to interrupt routine
LD A, #$00
LD sema, A
IRET
23.1.4
Unexpected reset fetch
If an interrupt request occurs while a "POP CC" instruction is executed, the interrupt
controller does not recognize the source of the interrupt and, by default, passes the RESET
vector address to the CPU.
Workaround
To solve this issue, a "POP CC" instruction must always be preceded by a "SIM" instruction.
23.1.5
Header time-out does not prevent wake-up from mute mode
Normally, when LINSCI is configured in LIN slave mode, if a header time-out occurs during a
LIN header reception (that is, header length > 57 bits), the LIN Header Error bit (LHE) is set,
an interrupt occurs to inform the application but the LINSCI should stay in mute mode,
waiting for the next header reception.
Problem description
The LINSCI sampling period is Tbit / 16. If a LIN Header time-out occurs between the 9th
and the 15th sample of the Identifier Field Stop Bit (refer to Figure 155), the LINSCI wakes
up from mute mode. Nevertheless, LHE is set and LIN Header Detection Flag (LHDF) is
kept cleared.
In addition, if LHE is reset by software before this 15th sample (by accessing the SCISR
register and reading the SCIDR register in the LINSCI interrupt routine), the LINSCI will
generate another LINSCI interrupt (due to the RDRF flag setting).
Impact on application
Software may execute the interrupt routine twice after header reception.
Moreover, in reception mode, as the receiver is no longer in mute mode, an interrupt will be
generated on each data byte reception.
Workaround
The problem can be detected in the LINSCI interrupt routine. In case of timeout error (LHE
is set and LHLR is loaded with 00h), the software can check the RWU bit in the SCICR2
register. If RWU is cleared, it can be set by software. Refer to Figure 156. Workaround is
shown in bold characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com