Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R4-Auto Datasheet(PDF) 264 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 264 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 260Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 261Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 262Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 263Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 264Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 265Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 266Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 267Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 324 page
background image
Instruction set
ST72561-Auto
264/324
Doc ID 12370 Rev 8
19
Instruction set
19.1
CPU addressing modes
The CPU features 17 different addressing modes which can be classified in seven main
groups:
The CPU Instruction set is designed to minimize the number of bytes required per
instruction: To do so, most of the addressing modes may be subdivided in two submodes
called long and short:
●
Long addressing mode is more powerful because it can use the full 64 Kbyte address
space, however it uses more bytes and more CPU cycles.
●
Short addressing mode is less powerful because it can generally only access page
zero (0000h - 00FFh range), but the instruction size is more compact, and faster. All
memory to memory instructions use short addressing modes only (CLR, CPL, NEG,
BSET, BRES, BTJT, BTJF, INC, DEC, RLC, RRC, SLL, SRL, SRA, SWAP)
The ST7 Assembler optimizes the use of long and short addressing modes.
Table 94.
Addressing mode groups
Addressing mode
Example
Inherent
nop
Immediate
ld A, #$55
Direct
ld A, $55
Indexed
ld A, ($55,X)
Indirect
ld A, ([$55],X)
Relative
jrne loop
Bit operation
bset
byte, #5
Table 95.
CPU addressing mode overview
Mode
Syntax
Destination
Pointer
address
(hex.)
Pointer
size
(hex.)
Length
(bytes)
Inherent
nop
+ 0
Immediate
ld A, #$55
+ 1
Short
Direct
ld A, $10
00..FF
+ 1
Long
Direct
ld A, $1000
0000..FFFF
+ 2
No Offset
Direct
Indexed ld A, (X)
00..FF
+ 0
Short
Direct
Indexed ld A, ($10,X)
00..1FE
+ 1
Long
Direct
Indexed ld A, ($1000,X)
0000..FFFF
+ 2
Short
Indirect
ld A, [$10]
00..FF
00..FF
byte
+ 2
Long
Indirect
ld A, [$10.w]
0000..FFFF
00..FF
word
+ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com