Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R4-Auto Datasheet(PDF) 286 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 286 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 282Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 283Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 284Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 285Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 286Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 287Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 288Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 289Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 290Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 324 page
background image
Electrical characteristics
ST72561-Auto
286/324
Doc ID 12370 Rev 8
20.9
I/O port pin characteristics
20.9.1
General characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Table 113.
I/O characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage(1)
CMOS ports
0.3 x VDD
V
VIH
Input high level voltage(1)
0.7 x VDD
Vhys
Schmitt trigger voltage hysteresis(2)
1
VIL
Input low level voltage(1)
TTL ports
0.8
VIH
Input high level voltage(1)
2
Vhys
Schmitt trigger voltage hysteresis(2)
400
mV
IINJ(PIN)
Injected Current on PB3
VDD =5V
Flash devices
0
+4
mA
ROM devices
±4
Injected Current on any other I/O pin
±4
ΣIINJ(PIN)
(3)
Total injected current (sum of all I/O
and control pins)(4)
±25
Ilkg
Input leakage current on robust pins See Section 20.13: 10-bit ADC characteristics
Input leakage current(5)
VSS ≤VIN ≤VDD
±1
µA
IS
Static current consumption(6)
Floating input mode
200
RPU
Weak pull-up equivalent resistor(7)
VIN = VS
S
VDD = 5V
50
90
250
k
Ω
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time
CL = 50pF
Between 10% and 90%
25
ns
tr(IO)out
Output low to high level rise time
tw(IT)in
External interrupt pulse time(4)
1tCPU
1.
Data based on characterization results, not tested in production.
2.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
3.
When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise refer to IINJ(PIN)
specification. A positive injection is induced by VIN >VDD while a negative injection is induced by VIN <VSS. Refer to
Section 20.2: Absolute maximum ratings for more details.
4.
To generate an external interrupt, a minimum pulse width must be applied on an I/O port pin configured as an external
interrupt source.
5.
Leakage could be higher than max. if negative current is injected on adjacent pins.
6.
Configuration not recommended, all unused pins must be kept at a fixed voltage: Using the output mode of the I/O, for
example, or an external pull-up or pull-down resistor (see Figure 126). Data based on design simulation and/or technology
characteristics, not tested in production.
7.
The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics described in
Figure 127).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com