Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R4-Auto Datasheet(PDF) 320 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 320 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 316Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 317Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 318Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 319Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 320Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 321Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 322Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 323Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 324Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 320 / 324 page
background image
Important notes
ST72561-Auto
320/324
Doc ID 12370 Rev 8
24.2
Flash/FastROM devices only
24.2.1
LINSCI wrong break duration
SCI mode
A single break character is sent by setting and resetting the SBK bit in the SCICR2 register.
In some cases, the break character may have a longer duration than expected:
●
20 bits instead of 10 bits if M = 0
●
22 bits instead of 11 bits if M = 1
In the same way, as long as the SBK bit is set, break characters are sent to the TDO pin.
This may lead to generate one break more than expected.
Occurrence
The occurrence of the problem is random and proportional to the baud rate. With a transmit
frequency of 19200 baud (fCPU = 8 MHz and SCIBRR = 0xC9), the wrong break duration
occurrence is around 1%.
Workaround
If this wrong duration is not compliant with the communication protocol in the application,
software can request that an Idle line be generated before the break character. In this case,
the break duration is always correct assuming the application is not doing anything between
the idle and the break. This can be ensured by temporarily disabling interrupts.
The exact sequence is:
●
Disable interrupts
●
Reset and set TE (IDLE request)
●
Set and reset SBK (Break Request)
●
Re-enable interrupts
LIN mode
If the LINE bit in the SCICR3 is set and the M bit in the SCICR1 register is reset, the LINSCI
is in LIN master mode. A single break character is sent by setting and resetting the SBK bit
in the SCICR2 register. In some cases, the break character may have a longer duration than
expected:
●
24 bits instead of 13 bits
Occurrence
The occurrence of the problem is random and proportional to the baud rate. With a transmit
frequency of 19200 baud (fCPU = 8 MHz and SCIBRR = 0xC9), the wrong break duration
occurrence is around 1%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com