Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R6-Auto Datasheet(PDF) 263 Page - STMicroelectronics

Part # ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Datasheet(HTML) 263 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 259Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 260Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 261Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 262Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 263Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 264Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 265Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 266Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 324 page
background image
ST72561-Auto
10-bit A/D converter (ADC)
Doc ID 12370 Rev 8
263/324
18.6.2
Data register (ADCDRH)
Read only
Reset value: 0000 0000 (00h)
Bits 7:0 = D[9:2] MSB of Analog Converted Value
18.6.3
Data register (ADCDRL)
Read only
0000 0000 (00h)
Bits 7:2 = Reserved. Forced by hardware to 0.
Bits 1:0 = D[1:0] LSB of Analog Converted Value
AIN8
1
0
0
0
AIN9
1
AIN10
1
0
AIN11
1
AIN12
1
0
0
AIN13
1
AIN14
1
0
AIN15
1
1.
The number of channels is device dependent. Refer to the device pinout description.
Table 92.
ADC channel selection (continued)
Channel pin(1)
CH3
CH2
CH1
CH0
7
0
D9
D8
D7
D6
D5
D4
D3
D2
7
0
00
00
00
D1
D0
Table 93.
ADC register map and reset values
Address
(Hex.)
Register
label
765432
10
45h
ADCCSR
Reset value
EOC
0
SPEED
0
ADON
0
SLOW
0
CH3
0
CH2
0
CH1
0
CH0
0
46h
ADCDRH
Reset value
D9
0
D8
0
D7
0
D6
0
D5
0
D4
0
D3
0
D2
0
47h
ADCDRL
Reset value
0
0
0
0
0
0
0
0
0
0
0
0
D1
0
D0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com