Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R6-Auto Datasheet(PDF) 306 Page - STMicroelectronics

Part # ST72561R6-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R6-Auto Datasheet(HTML) 306 Page - STMicroelectronics

Back Button ST72561R6-Auto Datasheet HTML 302Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 303Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 304Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 305Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 306Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 307Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 308Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 309Page - STMicroelectronics ST72561R6-Auto Datasheet HTML 310Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 324 page
background image
Device configuration and ordering information
ST72561-Auto
306/324
Doc ID 12370 Rev 8
22
Device configuration and ordering information
22.1
Introduction
Each device is available for production in user programmable versions (Flash) as well as in
factory coded versions (ROM/FASTROM).
ST72561-Auto devices are ROM versions. ST72P561-Auto devices are Factory Advanced
Service Technique ROM (FASTROM) versions: They are factory-programmed HDFlash
devices.
ST72F561-Auto Flash devices are shipped to customers with a default content (FFh), while
ROM factory coded parts contain the code supplied by the customer. This implies that Flash
devices have to be configured by the customer using the Option Bytes while the ROM
devices are factory-configured.
22.2
Flash devices
22.2.1
Flash configuration
The option bytes allows the hardware configuration of the microcontroller to be selected.
They have no address in the memory map and can be accessed only in programming mode
(for example using a standard ST7 programming tool). The default content of the Flash is
fixed to FFh. To program directly the Flash devices using ICP, Flash devices are shipped to
customers with a reserved internal clock source enabled. In masked ROM devices, the
option bytes are fixed in hardware by the ROM code (see option list).
Option byte 0
OPT7 = WDGHALT Watchdog reset on HALT
This option bit determines if a RESET is generated when entering HALT mode while the
Watchdog is active.
0: no reset generation when entering halt mode
1: reset generation when entering halt mode
OPT6 = WDGSW Hardware or software watchdog
This option bit selects the watchdog type.
0: hardware (watchdog always enabled)
1: software (watchdog to be enabled by software)
OPT5 = reserved, must be kept at default value.
OPT4 = LVD Voltage detection
This option bit enables the voltage detection block (LVD).
0: LVD on
1: LVD off
OPT3 = PLL OFF PLL activation
This option bit activates the PLL which allows multiplication by two of the main input clock
frequency. The PLL is guaranteed only with an input frequency between 2 and 4 MHz.
0: PLL x2 enabled
1: PLL x2 disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com