Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R9-Auto Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST72561R9-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9-Auto Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST72561R9-Auto Datasheet HTML 177Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 178Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 179Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 180Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 181Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 182Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 183Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 184Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 324 page
background image
ST72561-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12370 Rev 8
181/324
worst case: This occurs when the LIN identifier lasts exactly 10 TBIT_MASTER periods. In this
case, the LIN break and synch fields last 49 - 10 = 39TBIT_MASTER periods.
Assuming the slave measures these first 39 bits with a desynchronized clock of 15.5%. This
leads to a maximum allowed header length of:
39 x (1/0.845) TBIT_MASTER + 10TBIT_MASTER = 56.15 TBIT_SLAVE
A margin is provided so that the time-out occurs when the header length is greater than 57
TBIT_SLAVE periods. If it is less than or equal to 57 TBIT_SLAVE periods, then no timeout
occurs.
LIN header length
Even if no timeout occurs on the LIN header, it is possible to have access to the effective LIN
header length (THEADER) through the LHL register. This allows monitoring at software level
the TFRAME_MAX condition given by the LIN protocol.
This feature is only available when LHDM bit = 1 or when LASE bit = 1.
Mute mode and errors
In mute mode when LHDM bit = 1, if an LHE error occurs during the analysis of the LIN
synch field or if a LIN header time-out occurs then the LHE bit is set but it does not wake up
from mute mode. In this case, the current header analysis is discarded. If needed, the
software has to reset LSF bit. Then the SCI searches for a new LIN header.
In mute mode, if a framing error occurs on a data (which is not a break), it is discarded and
the FE bit is not set.
When LHDM bit = 1, any LIN header which respects the following conditions causes a wake-
up from mute mode:
●
A valid LIN break field (at least 11 dominant bits followed by a recessive bit)
●
A valid LIN synch field (without deviation error)
●
A LIN identifier field without framing error. Note that a LIN parity error on the LIN
identifier field does not prevent wake-up from mute mode.
●
No LIN header time-out should occur during header reception.
Figure 83.
LIN synch field measurement
LIN Synch Break
Extra
’1’
Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7
Start
Bit
Stop
Bit
Next
Start
Bit
LIN Synch Field
Measurement = 8.TBR = SM.tCPU
LPR(n)
LPR(n+1)
LPR = tBR / (16.tCPU) = Rounding (SM / 128)
tCPU = CPU period
tBR = Baud Rate period
tBR
tBR = 16.LP.tCPU
SM = Synch Measurement Register (15 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com