Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R9-Auto Datasheet(PDF) 225 Page - STMicroelectronics

Part # ST72561R9-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9-Auto Datasheet(HTML) 225 Page - STMicroelectronics

Back Button ST72561R9-Auto Datasheet HTML 221Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 222Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 223Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 224Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 225Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 226Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 227Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 228Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
225/324
Furthermore, the filters can be configured in mask mode or in identifier list mode.
Mask mode
In mask mode the identifier registers are associated with mask registers specifying which
bits of the identifier are handled as “must match” or as “don’t care”.
Identifier list mode
In identifier list mode, the mask registers are used as identifier registers. Thus instead of
defining an identifier and a mask, two identifiers are specified, doubling the number of single
identifiers. All bits of the incoming identifier must match the bits specified in the filter
registers.
Figure 102. Filter bank scale configuration - register organization
Filter bank scale and mode configuration
The filter banks are configured by means of the corresponding CFCRx register. To configure
a filter bank this must be deactivated by clearing the FACT bit in the CFCR register. The filter
scale is configured by means of the FSC[1:0] bits in the corresponding CFCR register, refer
One 32-Bit Filter
Two 16-Bit Filters
One 16-Bit / Two 8-Bit Filters
Four 8-Bit Filters
CFxR0
CFxR4
CFxR1
CFxR5
CFxR2
CFxR6
CFxR3
CFxR7
CFxR0
CFxR2
CFxR1
CFxR3
CFxR4
CFxR6
CFxR5
CFxR7
CFxR0
CFxR2
CFxR1
CFxR3
CFxR4
CFxR5
CFxR6
CFxR7
CFxR0
CFxR1
CFxR2
CFxR3
CFxR4
CFxR5
CFxR6
CFxR7
x = filter bank number
FSCx = 3
FSCx = 2
FSCx = 1
FSCx = 0
Filter Bank Scale Configuration
1 These bits are located in the CFCR register
Filter Bank Scale Config. Bits1
Identifier
Mask/Ident.
Identifier
Mask/Ident.
Identifier
Mask/Ident.
Identifier
Mask/Ident.
Identifier
Mask/Ident.
Identifier
Mask/Ident.
Identifier
Mask/Ident.
Identifier
Mask/Ident.
Identifier
Mask/Ident.
STID10:3
STID2:0 RTR IDE EXID17:15
EXID14:7
EXID6:0
Bit Mapping
STID10:3
Bit Mapping
STID10:3
Identifier
Mask/Ident.
Bit Mapping
STID2:0 RTR IDE EXID17:15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com