Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R9-Auto Datasheet(PDF) 242 Page - STMicroelectronics

Part # ST72561R9-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9-Auto Datasheet(HTML) 242 Page - STMicroelectronics

Back Button ST72561R9-Auto Datasheet HTML 238Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 239Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 240Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 241Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 242Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 243Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 244Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 245Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
242/324
Doc ID 12370 Rev 8
CAN receive FIFO registers (CRFR)
Read / write
Reset value: 0000 0000 (00h)
Note:
To clear a bit in this register, software must write a “1” to the bit.
Bits 7:6 = reserved. Forced to 0 by hardware.
Bit 5 = RFOM Release FIFO Output Mailbox
Read/Set
Set by software to release the output mailbox of the FIFO. The output mailbox can only be
released when at least one message is pending in the FIFO. Setting this bit when the FIFO
is empty has no effect. If more than one message are pending in the FIFO, the software has
to release the output mailbox to access the next message.
Cleared by hardware when the output mailbox has been released.
Bit 4 = FOVR FIFO Overrun
Read/ clear
This bit is set by hardware when a new message has been received and passed the filter
while the FIFO was full.
This bit is cleared by software.
Bit 3 = FULL FIFO Full
Read/ clear
Set by hardware when three messages are stored in the FIFO.
This bit can be cleared by software writing a one to this bit or releasing the FIFO by means
of RFOM.
Bit 2 = reserved. Forced to 0 by hardware.
Bits 1:0 = FMP[1:0] FIFO Message Pending
Read
These bits indicate how many messages are pending in the receive FIFO.
FMP is increased each time the hardware stores a new message in to the FIFO. FMP is
decreased each time the software releases the output mailbox by setting the RFOM bit.
CAN Interrupt Enable Register (CIER)
Read/ write
Reset value: 0000 0000 (00h)
Note:
All bits of this register are set and cleared by software.
7
0
0
0
RFOM
FOVR
FULL
0
FMP1
FMP0
7
0
WKUIE
0
0
0
FOVIE0
FFIE0
FMPIE0
TMEIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com