Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561R9-Auto Datasheet(PDF) 323 Page - STMicroelectronics

Part # ST72561R9-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R9-Auto Datasheet(HTML) 323 Page - STMicroelectronics

Back Button ST72561R9-Auto Datasheet HTML 316Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 317Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 318Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 319Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 320Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 321Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 322Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 323Page - STMicroelectronics ST72561R9-Auto Datasheet HTML 324Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 323 / 324 page
background image
ST72561-Auto
Revision history
Doc ID 12370 Rev 8
323/324
23-Jun-2006
5
Replaced TQFP with LQFP packages throughout document
Changed device summary on Table 2: Product overview
Changed Section 8.2.1: Input modes
Changed title of Section 8.4: I/O port register configurations from “I/O Port
Implementation” to “I/O Port Register Configurations”
Changed Master mode operation
Corrected name of bit 5 in SPICSR register in Table 59: SPI register map and reset
values
Changed Section 20.5.2: PLL characteristics
Added links to Table 111: Absolute maximum ratings and Table 112: Electrical
sensitivities in Section 20.8.3: Absolute maximum ratings (electrical sensitivity)
Removed EMC protection circuitry in Figure 136: RESET pin protection when LVD is
disabled (device works correctly without these components)
Changed Section 20.12.1: SPI - serial peripheral interface
Changed title of Figure 147: 64-pin low profile quad flat package (14x14)
Changed title of Figure 148: 32-pin low profile quad flat package (7x7)
Changed title of Figure 149: 44-pin low profile quad flat package (10x10)
Changed notes in Table 21.3: Thermal characteristics
Changed AFI mapping for Option byte 1
Changed Figure 154: ST72561xxx-Auto ROM commercial product structure,
Figure 153: ST72P561xxx-Auto FastROM commercial product structure and
Figure 152: ST72F561xxx-Auto Flash commercial product structure
Changed Section 20.12.1: SPI - serial peripheral interface
Deleted Section 15.1.5 “Clearing active interrupts outside interrupt routine” (text
already exists in Section 24.1.2: Clearing active interrupts outside interrupt routine)
Added Section 24.1.5: Header time-out does not prevent wake-up from mute mode
11-Mar-2008
6
Removed ‘F’ from root part numbers and removed references to ‘automotive only’
devices in the Table 2: Product overview
Removed ‘mcu’ from the URL reference in ST72561-Auto MICROCONTROLLER
OPTION LIST and Chapter 23: Development tools
Removed section on “SOLDERING AND GLUEABILITY INFORMATION” and
replaced with Section 21.4: Packaging for automatic handling
Removed references to standard device temperature codes from Figure 154:
ST72561xxx-Auto ROM commercial product structure, Figure 153: ST72P561xxx-
Auto FastROM commercial product structure and Figure 152: ST72F561xxx-Auto
Flash commercial product structure
Made small editing changes throughout document to improve readability
02-Aug-2010
7
Updated following figures:
– Figure 152: ST72F561xxx-Auto Flash commercial product structure
– Figure 153: ST72P561xxx-Auto FastROM commercial product structure
– Figure 154: ST72561xxx-Auto ROM commercial product structure
Added Chapter 21.4: Packaging for automatic handling
03-Jan-2011
8
Reinstated : Chapter 17: beCAN controller (beCAN)
Table 129.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com