Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L15XCC Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32L15XCC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15XCC Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32L15XCC Datasheet HTML 128Page - STMicroelectronics STM32L15XCC Datasheet HTML 129Page - STMicroelectronics STM32L15XCC Datasheet HTML 130Page - STMicroelectronics STM32L15XCC Datasheet HTML 131Page - STMicroelectronics STM32L15XCC Datasheet HTML 132Page - STMicroelectronics STM32L15XCC Datasheet HTML 133Page - STMicroelectronics STM32L15XCC Datasheet HTML 134Page - STMicroelectronics STM32L15XCC Datasheet HTML 135Page - STMicroelectronics STM32L15XCC Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
Revision History
STM32L151xC STM32L152xC
134/136
DocID022799 Rev 12
09-Dec-2013
6
Apply footnote 1 also to VDD= 1.8 to 2.0 V in Table 2: Functionalities
depending on the operating power supply range.
Updated Iinj pin in Table 11: Current characteristics.
Added Input Voltage in Table 13: General operating conditions.
Updated Input leakage current conditions in Table 63: I/O static
characteristics
Removed minimum value for fSin Table 77: ADC characteristics.
Removed Finput for ENOB,SINAD,SNR,THD in Table 78: ADC
accuracy.
Added tolerance for TS_CAL1 and TS_CAL2 in Table 82: Temperature
sensor calibration values.
13-Mar-2014
7
Updated Section 3.7: Memories, Table 33: Peripheral current
consumption : updated Flash value, Table 61: I/O current injection
susceptibility, Table 63: I/O static characteristics:added BOOT0 pin
Table 66: NRST pin characteristics, Chapter 2.2: Ultra-low-power
device continuum. removed figures “Power supply and reference
decoupling (VREF+ not connected to VDDA) and “Power supply and
reference decoupling(VREF+ connected to VDDA). Updated Table 19:
Current consumption in Run mode, code with data processing running
from Flash
Updated Section 6.3.1: General operating conditions.
Updated Table 80: DAC characteristics
Added marking for LQFP48/UFQFPN48 packages
Updated Table 66: NRST pin characteristics
Updated Table 63: I/O static characteristics
16-May-2014
8
Updated IIO in Table 12: Current characteristics.
Updated conditions in Table 44: Output voltage characteristics.
Removed note 4 in Table 62: Temperature sensor characteristics
Updated the conditions in Table 26: Low-power mode wakeup timings.
Removed ambiguity of “ambient temperature” in the electrical
characteristics description.
13-Oct-2014
9
Updated Section 3.17: Communication interfaces putting I2S
characteristics inside.
Updated DMIPS features in cover page and Section 2: Description.
Updated max temperature at 105°C instead of 85°C in the whole
datasheet.
Updated current consumption in Table 20: Current consumption in
Sleep mode.
Updated Table 25: Peripheral current consumption with new measured
current values.
Updated Table 58: Maximum source impedance RAIN max adding
note 2.
06-Mar-2015
10
Updated Section 7: Package information with new package device
marking.
Updated Figure 9: Memory map.
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com