Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151RC-A Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32L151RC-A
Description  Ultra-low-power platform
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RC-A Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32L151RC-A Datasheet HTML 126Page - STMicroelectronics STM32L151RC-A Datasheet HTML 127Page - STMicroelectronics STM32L151RC-A Datasheet HTML 128Page - STMicroelectronics STM32L151RC-A Datasheet HTML 129Page - STMicroelectronics STM32L151RC-A Datasheet HTML 130Page - STMicroelectronics STM32L151RC-A Datasheet HTML 131Page - STMicroelectronics STM32L151RC-A Datasheet HTML 132Page - STMicroelectronics STM32L151RC-A Datasheet HTML 133Page - STMicroelectronics STM32L151RC-A Datasheet HTML 134Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 132 / 134 page
background image
Revision History
STM32L151xC/C-A STM32L152xC/C-A
132/134
DocID026119 Rev 6
9
Revision History
Table 73. Document revision history
Date
Revision
Changes
01-Apr-2014
1
Initial release.
07-Apr-2014
2
Updated Table 3: Functionalities depending on the operating power
supply range.
Updated Table 17: Current consumption in Run mode, code with data
processing running from Flash.
Modified IDD(LP Sleep) (TIM9 and USART1 enabled, Flash ON, VDD
from 1.65 V to 3.6 V) in Table 21: Current consumption in Low-power
sleep mode.
Updated VIH(NRST) minimum value in Table 45: NRST pin
characteristics.
Added Table 41: UFBGA132, 7 x 7 mm, 132-ball ultra thin, fine-pitch
ball grid array package recommended footprint..
12-June-2014
3
Updated title removing memory I/F.
Removed ambiguity of “ambient temperature” in the electrical
characteristics description.
updated Figure 1 with graphic improvements.
13-Sept-2014
4
Updated Section 3.17: Communication interfaces putting I2S
characteristics inside.
Updated DMIPS features in cover page and Section 2: Description.
Updated max temperature at 105°C instead of 85°C in the whole
datasheet.
Updated Flash switched ON & OFF conditions in Table 19: Current
consumption in Sleep mode.
Updated Table 24: Peripheral current consumption with new measured
current values.
Updated Table 57: Maximum source impedance RAIN max adding
note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com