Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L162RCT6 Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32L162RCT6
Description  Ultra-low-power platform
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162RCT6 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32L162RCT6 Datasheet HTML 114Page - STMicroelectronics STM32L162RCT6 Datasheet HTML 115Page - STMicroelectronics STM32L162RCT6 Datasheet HTML 116Page - STMicroelectronics STM32L162RCT6 Datasheet HTML 117Page - STMicroelectronics STM32L162RCT6 Datasheet HTML 118Page - STMicroelectronics STM32L162RCT6 Datasheet HTML 119Page - STMicroelectronics STM32L162RCT6 Datasheet HTML 120Page - STMicroelectronics STM32L162RCT6 Datasheet HTML 121Page - STMicroelectronics STM32L162RCT6 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 123 page
background image
Revision History
STM32L162VC, STM32L162RC
118/123
DocID022881 Rev 10
06-Feb-2013
3
Removed AHB1/AHB2 and corrected typo on APB1/APB2 in Figure 1:
Ultra-low-power STM32L162xC block diagram
Updated “OP amp” line in Table 4: Functionalities depending on the
working mode (from Run/active down to standby)
Added IWDG and WWDG rows in Table 4: Functionalities depending
on the working mode (from Run/active down to standby)
Updated address range in Table 7: Internal voltage reference
measured values
The comment "HSE = 16 MHz(2) (PLL ON for fHCLK above 16 MHz)"
replaced by "fHSE = fHCLK up to 16 MHz included, fHSE = fHCLK/2
above 16 MHz (PLL ON)(2)” in table Table 19: Current consumption in
Sleep mode
Updated Stop mode current to
1.5 µA in Ultra-low-power platform
Replaced BGA132 by UFBGA132 in Figure 4: STM32L162QC
UFBGA132 ballout.
Updated entire Section 7: Package characteristics
Updated Figure 25: Typical connection diagram using the ADC and
definition of symbol “RAIN” in Table 55: ADC characteristics
Removed first sentence in Section : I2C interface characteristics
19-Jul-2013
4
Removed STM32L162QC and STM32L162ZC part numbers including
all associated features.
Updated dThreshold/dt conditions in Table 62: Comparator 2
characteristics.
Updated Figure 8: Power supply scheme.
Updated Figure 34: Thermal resistance.
Updated PH0-OSC_IN and PH1-OSC_OUT type in Figure 9:
STM32L162xC pin definitions.
Added Section 6.1.7: Optional LCD power supply scheme.
Updated IDD (WU from Standby) unit in Table 23: Typical and
maximum current consumptions in Standby mode.
Updated Figure 6: Pin loading conditions.
Updated Figure 7: Pin input voltage.
Updated Figure 14: Typical application with a 32.768 kHz crystal.
Updated Figure 16: Recommended NRST pin protection.
Updated Figure 17: I2C bus AC waveforms and measurement circuit.
Table 72. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com