Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F769I Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F769I
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F769I Datasheet HTML 116Page - STMicroelectronics STM32F769I Datasheet HTML 117Page - STMicroelectronics STM32F769I Datasheet HTML 118Page - STMicroelectronics STM32F769I Datasheet HTML 119Page - STMicroelectronics STM32F769I Datasheet HTML 120Page - STMicroelectronics STM32F769I Datasheet HTML 121Page - STMicroelectronics STM32F769I Datasheet HTML 122Page - STMicroelectronics STM32F769I Datasheet HTML 123Page - STMicroelectronics STM32F769I Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
120/255
DocID029041 Rev 4
Table 22. Reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising edge)
2.09
2.14
2.19
V
PLS[2:0]=000 (falling edge)
1.98
2.04
2.08
V
PLS[2:0]=001 (rising edge)
2.23
2.30
2.37
V
PLS[2:0]=001 (falling edge)
2.13
2.19
2.25
V
PLS[2:0]=010 (rising edge)
2.39
2.45
2.51
V
PLS[2:0]=010 (falling edge)
2.29
2.35
2.39
V
PLS[2:0]=011 (rising edge)
2.54
2.60
2.65
V
PLS[2:0]=011 (falling edge)
2.44
2.51
2.56
V
PLS[2:0]=100 (rising edge)
2.70
2.76
2.82
V
PLS[2:0]=100 (falling edge)
2.59
2.66
2.71
V
PLS[2:0]=101 (rising edge)
2.86
2.93
2.99
V
PLS[2:0]=101 (falling edge)
2.65
2.84
2.92
V
PLS[2:0]=110 (rising edge)
2.96
3.03
3.10
V
PLS[2:0]=110 (falling edge)
2.85
2.93
2.99
V
PLS[2:0]=111 (rising edge)
3.07
3.14
3.21
V
PLS[2:0]=111 (falling edge)
2.95
3.03
3.09
V
VPVDhyst(1) PVD hysteresis
-
-
100
-
mV
VPOR/PDR
Power-on/power-down
reset threshold
Falling edge
1.60
1.68
1.76
V
Rising edge
1.64
1.72
1.80
V
VPDRhyst(1) PDR hysteresis
-
-
40
-
mV
VBOR1
Brownout level 1
threshold
Falling edge
2.13
2.19
2.24
V
Rising edge
2.23
2.29
2.33
V
VBOR2
Brownout level 2
threshold
Falling edge
2.44
2.50
2.56
V
Rising edge
2.53
2.59
2.63
V
VBOR3
Brownout level 3
threshold
Falling edge
2.75
2.83
2.88
V
Rising edge
2.85
2.92
2.97
V
VBORhyst(1) BOR hysteresis
-
-
100
-
mV
TRSTTEMPO
(1)(2)
POR reset temporization
-
0.5
1.5
3.0
ms
IRUSH(1)
InRush current on
voltage regulator power-
on (POR or wakeup
from Standby)
-
-
160
250
mA
ERUSH(1)
InRush energy on
voltage regulator power-
on (POR or wakeup
from Standby)
VDD = 1.7 V, TA = 105 °C,
IRUSH = 171 mA for 31 μs
-
-
5.4
μC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com