Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 110Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 111Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 112Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 113Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 114Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 115Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 116Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 117Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
114/255
DocID029041 Rev 4
Caution:
Each power supply pair (VDD/VSS, VDDA/VSSA ...) must be decoupled with filtering ceramic
capacitors as shown above. These capacitors must be placed as close as possible to, or
below, the appropriate pins on the underside of the PCB to ensure good operation of the
device. It is not recommended to remove filtering capacitors to reduce PCB size or cost.
This might cause incorrect operation of the device.
5.1.7
Current consumption measurement
Figure 26. Current consumption measurement scheme
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 14: Voltage characteristics,
Table 15: Current characteristics, and Table 16: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and the functional operation
of the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability. The device mission profile (application
conditions) is compliant with JEDEC JESD47 Qualification Standard. Extended mission
profiles are available on demand.
Table 14. Voltage characteristics
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage (including VDDA, VDD,
VBAT, VDDUSB, VDDDSI (1) and VDDSDMMC)(2)
0.3
4.0
V
VIN
Input voltage on FT pins(3)
VSS 0.3 VDD+4.0
Input voltage on TTa pins
VSS 0.3
4.0
Input voltage on any other pin
VSS 0.3
4.0
Input voltage on BOOT pin
VSS
9.0
|
ΔVDDx|
Variations between different VDD power pins
-
50
mV
|VSSX −VSS| Variations between all the different ground pins(4)
-50
VESD(HBM)
Electrostatic discharge voltage (human body model)
see Section 5.3.18:
Absolute maximum
ratings (electrical
sensitivity)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com