Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 118Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 119Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 120Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 121Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 122Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 123Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 124Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 125Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
122/255
DocID029041 Rev 4
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in input mode with a static value at VDD or VSS (no load).
•
All peripherals are disabled except if it is explicitly mentioned.
•
The Flash memory access time is adjusted both to fHCLK frequency and VDD range
(see Table 18: Limitations depending on the operating power supply range).
•
When the regulator is ON, the voltage scaling and over-drive mode are adjusted to
fHCLK frequency as follows:
–
Scale 3 for fHCLK ≤ 144 MHz
–
Scale 2 for 144 MHz < fHCLK ≤ 168 MHz
–
Scale 1 for 168 MHz < fHCLK ≤ 216 MHz. The over-drive is only ON at 216 MHz.
•
When the regulator is OFF, the V12 is provided externally as described in Table 17:
General operating conditions:
•
The system clock is HCLK, fPCLK1 = fHCLK/4, and fPCLK2 = fHCLK/2.
•
External clock frequency is 25 MHz and PLL is ON when fHCLK is higher than 25 MHz.
•
The typical current consumption values are obtained for 1.7 V
≤ VDD ≤ 3.6 V voltage
range and for TA= 25 °C unless otherwise specified.
•
The maximum values are obtained for 1.7 V
≤ VDD ≤ 3.6 V voltage range and a
maximum ambient temperature (TA) unless otherwise specified.
•
For the voltage range 1.7 V
≤ VDD ≤ 3.6 V, the maximum frequency is 180 MHz.
Table 24. Typical and maximum current consumption in Run mode, code with data processing
running from ITCM RAM, regulator ON
Symbol
Parameter
Conditions
fHCLK (MHz)
Typ
Max(1)
Unit
TA = 25 °C TA = 85 °C TA = 105 °C
IDD
Supply
current in
RUN mode
All peripherals
enabled(2)(3)
216
193
221(4)
258(4)
-
mA
200
179
207
244
279
180
159
176(4)
210(4)
238(4)
168
142
156
187
211
144
122
135
167
190
60
49
55
81
103
25
23
28
54
76
All peripherals
disabled(3)
216
95
107(4)
153(4)
-
200
88
100
146
180
180
78
88(4)
122(4)
147(4)
168
70
78
109
133
144
60
68
99
123
60
24
29
55
76
25
12
16
42
63
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com