Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 144Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 145Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 146Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 147Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 148Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 149Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 150Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 151Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 255 page
background image
Electrical characteristics
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
148/255
DocID029041 Rev 4
Table 48. PLLI2S characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLI2S_IN
PLLI2S input clock(1)
-
0.95(2)
1
2.10
MHz
fPLLI2SP_OUT
PLLI2S multiplier output clock for
SPDIFRX
-
-
-
216
fPLLI2SQ_OUT
PLLI2S multiplier output clock for
SAI
-
-
-
216
fPLLI2SR_OUT
PLLI2S multiplier output clock for
I2S
-
-
-
216
fVCO_OUT
PLLI2S VCO output
-
100
-
432
tLOCK
PLLI2S lock time
VCO freq = 192 MHz
75
-
200
μs
VCO freq = 432 MHz
100
-
300
Jitter(3)
Master I2S clock jitter
Cycle to cycle at
12.288 MHz on
48KHz period,
N=432, R=5
RMS
-
90
-
peak
to
peak
-
±280
-
ps
Average frequency of
12.288 MHz
N = 432, R = 5
on 1000 samples
-90
-
ps
WS I2S clock jitter
Cycle to cycle at 48 KHz
on 1000 samples
-
400
-
ps
IDD(PLLI2S)(4)
PLLI2S power consumption on
VDD
VCO freq = 192 MHz
VCO freq = 432 MHz
0.15
0.45
-
0.40
0.75
mA
IDDA(PLLI2S)(4)
PLLI2S power consumption on
VDDA
VCO freq = 192 MHz
VCO freq = 432 MHz
0.30
0.55
-
0.40
0.85
mA
1. Take care of using the appropriate division factor M to have the specified PLL input clock values.
2. Guaranteed by design.
3. Value given with main PLL running.
4. Guaranteed by characterization results.
Table 49. PLLISAI characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLSAI_IN
PLLSAI input clock(1)
-
0.95(2)
1
2.10
MHz
fPLLSAIP_OUT
PLLSAI multiplier output clock
for 48 MHz
-
-
48
75
fPLLSAIQ_OUT
PLLSAI multiplier output clock
for SAI
-
-
-
216
fPLLSAIR_OUT
PLLSAI multiplier output clock
for LCD-TFT
-
-
-
216
fVCO_OUT
PLLSAI VCO output
-
100
-
432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com