Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F767VIT6 Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32F767VIT6
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 205Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 206Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 207Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 208Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 209Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 210Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 211Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 212Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 255 page
background image
DocID029041 Rev 4
209/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Electrical characteristics
224
NAND controller waveforms and timings
Figure 69 through Figure 72 represent synchronous waveforms, and Table 112 and
Table 113 provide the corresponding timings. The results shown in this table are obtained
with the following FMC configuration:
•
COM.FMC_SetupTime = 0x01;
•
COM.FMC_WaitSetupTime = 0x03;
•
COM.FMC_HoldSetupTime = 0x02;
•
COM.FMC_HiZSetupTime = 0x01;
•
ATT.FMC_SetupTime = 0x01;
•
ATT.FMC_WaitSetupTime = 0x03;
•
ATT.FMC_HoldSetupTime = 0x02;
•
ATT.FMC_HiZSetupTime = 0x01;
•
Bank = FMC_Bank_NAND;
•
MemoryDataWidth = FMC_MemoryDataWidth_16b;
•
ECC = FMC_ECC_Enable;
•
ECCPageSize = FMC_ECCPageSize_512Bytes;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0.
In all timing tables, the THCLK is the HCLK clock period.
Table 111. Synchronous non-multiplexed PSRAM write timings(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
t(CLK)
FMC_CLK period
2THCLK 0.5
-
ns
td(CLKL-NExL) FMC_CLK low to FMC_NEx low (x=0..2)
-
2
t(CLKH-NExH)
FMC_CLK high to FMC_NEx high (x= 0…2)
THCLK + 0.5
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
0.5
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
0
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
2.5
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
THCLK
-
td(CLKL-NWEL) FMC_CLK low to FMC_NWE low
-
1.5
td(CLKH-NWEH) FMC_CLK high to FMC_NWE high
THCLK + 1
-
td(CLKL-Data)
FMC_D[15:0] valid data after FMC_CLK low
-
3.5
td(CLKL-NBLL) FMC_CLK low to FMC_NBL low
-
2
td(CLKH-NBLH) FMC_CLK high to FMC_NBL high
THCLK + 1
-
tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
2
-
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
3.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com