Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F779IIT7 Datasheet(PDF) 202 Page - STMicroelectronics

Part # STM32F779IIT7
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIT7 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button STM32F779IIT7 Datasheet HTML 198Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 199Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 200Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 201Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 202Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 203Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 204Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 205Page - STMicroelectronics STM32F779IIT7 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 255 page
background image
Electrical characteristics
STM32F777xx STM32F778Ax STM32F779xx
202/255
DocID028294 Rev 4
Synchronous waveforms and timings
Figure 65 through Figure 68 represent synchronous waveforms and Table 108 through
Table 111 provide the corresponding timings. The results shown in these tables are obtained
with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable;
•
MemoryType = FMC_MemoryType_CRAM;
•
WriteBurst = FMC_WriteBurst_Enable;
•
CLKDivision = 1;
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
•
CL = 30 pF on data and address lines. CL = 10 pF on FMC_CLK unless otherwise
specified.
In all the timing tables, the THCLK is the HCLK clock period.
–
For 2.7 V≤ VDD≤ 3.6 V, maximum FMC_CLK = 100 MHz at CL=20 pF or 90 MHz at
CL=30 pF (on FMC_CLK).
–
For 1.71 V≤ VDD<2.7 V, maximum FMC_CLK = 70 MHz at CL=10 pF (on FMC_CLK).
1. Guaranteed by characterization results.
Table 107. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9THCLK – 1
9THCLK + 1
ns
tw(NWE)
FMC_NWE low time
7THCLK – 0.5 7THCLK + 0.5
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
6THCLK + 2
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT
invalid
4THCLK – 1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com