Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F75 Datasheet(PDF) 117 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 117 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 121Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 190 page
background image
Rev. 1.10
11�
De�e��e� 1�� �01�
Rev. 1.10
117
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
SC K (C KPO LB =1 , C KEG =0 )
SI ME N, C SE N= 1
SI ME N= 1, C SEN =0 ( Ex te rn al P ul l- Hi gh )
SC K (C KPO LB =0 , CK EG =0 )
SC K (C KPO LB =1 , CK EG =1 )
SC K (C KPO LB =0 , CK EG =1 )
SD O (C KEG =0 )
SD O (C KEG =1 )
SC S
SD I D at a C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3
D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3
D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM D
SPI Master Mode Timing
SC K (C KPO LB =1 )
SC K (C KPO LB =0 )
SD O
SC S
SD I Da ta C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3
D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM D
(S DO d oe s not c hange u nt il f ir st S CK edge)
SPI Slave Mode Timing — CKEG=0
SC K (C KPO LB =1 )
SC K (C KPO LB =0 )
SD O
SC S
SD I D at a C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3
D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM D
(S DO c h anges a s so on a s wr it i ng o ccu rs ; SD O is fl oa ti ng i f SC S= 1)
No te :F or S PI s la ve m ode, i f SI M EN =1 a nd C SE N= 0, S PI i s al wa ys e n abl ed
and ig nor es t he S CS l ev el .
SPI Slave Mode Timing — CKEG=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com