Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPX53DP Datasheet(PDF) 279 Page - Motorola, Inc

Part # MPX53DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX53DP Datasheet(HTML) 279 Page - Motorola, Inc

Back Button MPX53DP Datasheet HTML 275Page - Motorola, Inc MPX53DP Datasheet HTML 276Page - Motorola, Inc MPX53DP Datasheet HTML 277Page - Motorola, Inc MPX53DP Datasheet HTML 278Page - Motorola, Inc MPX53DP Datasheet HTML 279Page - Motorola, Inc MPX53DP Datasheet HTML 280Page - Motorola, Inc MPX53DP Datasheet HTML 281Page - Motorola, Inc MPX53DP Datasheet HTML 282Page - Motorola, Inc MPX53DP Datasheet HTML 283Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 670 page
background image
MPXA6115A MPXH6115A SERIES
3–133
Motorola Sensor Device Data
www.motorola.com/semiconductors
Transfer Function (MPXA6115A/MPXH6115A)
Nominal Transfer Value: Vout = VS x (0.009 x P – 0.095)
± (Pressure Error x Temp. Factor x 0.009 x VS)
VS = 5.0 ± 0.25 Vdc
Temperature Error Band
MPXA6115A/MPXH6115A Series
Break Points
Temp
Multiplier
– 40
3
0 to 85
1
125
1.75
Temperature in C
°
4.0
3.0
2.0
0.0
1.0
–40
–20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
NOTE: The Temperature Multiplier is a linear response from 0
°C to –40°C and from 85°C to 125°C
Pressure Error Band
Error Limits for Pressure
3.0
2.0
1.0
–1.0
– 2.0
– 3.0
0.0
20
Pressure (in kPa)
Pressure
Error (Max)
15 to 115 (kPa)
± 1.5 (kPa)
40
60
80
100
120
ORDERING INFORMATION — SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
482
MPXA6115A6U
Rails
MPXA6115A
Absolute, Element Only
482
MPXA6115A6T1
Tape and Reel
MPXA6115A
Ported Element
Absolute, Axial Port
482A
MPXA6115AC6U
Rails
MPXA6115A
Absolute, Axial Port
482A
MPXA6115AC6T1
Tape and Reel
MPXA6115A
ORDERING INFORMATION — SUPER SMALL OUTLINE PACKAGE
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Absolute, Element Only
1317
MPXH6115A6U
Rails
MPXH6115A
Absolute, Element Only
1317
MPXH6115A6T1
Tape and Reel
MPXH6115A
Ported Element
Absolute, Axial Port
1317A
MPXH6115AC6U
Rails
MPXH6115A
Absolute, Axial Port
1317A
MPXH6115AC6T1
Tape and Reel
MPXH6115A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com