Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2102AT1 Datasheet(PDF) 454 Page - Motorola, Inc

Part # MPXM2102AT1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AT1 Datasheet(HTML) 454 Page - Motorola, Inc

Back Button MPXM2102AT1 Datasheet HTML 450Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 451Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 452Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 453Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 454Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 455Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 456Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 457Page - Motorola, Inc MPXM2102AT1 Datasheet HTML 458Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 670 page
background image
AN1517
3–308
Motorola Sensor Device Data
www.motorola.com/semiconductors
threshold design, positive feedback can be used to provide
hysteresis for both switching points. The window compara-
tor and the other comparator circuits will be explained in the
following section.
EXAMPLE COMPARATOR CIRCUITS
Several comparator circuits were built and evaluated.
Comparator stages using the LM311 comparator, LM358
Op–Amp (with and without an output transistor stage), and
LM339 were examined. Each comparator was evaluated on
output voltage levels (dynamic range), transition speed, and
the relative component count required for the complete
pressure switch design.
This comparison is tabulated in
Table 2.
Figure 2. LM311 Comparator Circuit Schematic
RH
R2
Vin
R1
RPU
Vout
U1
LM311
VCC
LM311 Used in a Comparator Circuit
The LM311 chip is designed specifically for use as a
comparator and thus has short delay times, high slew rate,
and an open collector output. A pull–up resistor at the output
is all that is needed to obtain a rail–to–rail output. Additionally,
the LM311 is a reverse logic circuit; that is, for an input lower
than the reference voltage, the output is high. Likewise, when
the input voltage is higher than the reference voltage, the
output is low. Figure 2 shows a schematic of the LM311 stage
with threshold setting resistor divider, hysteresis resistor, and
the open–collector pull–up resistor. Table 2 shows the
comparator’s performance. Based on its performance, this
circuit can be used in many types of applications, including
interface to microprocessors.
The amount of hysteresis can be calculated by the following
equations:
V
REF +
R2
R1
) R2
V
CC
,
neglecting the effect of R
H
.
V
REFH +
R1R2
) R2R
H
R1R2
) R1R
H )
R2R
H
V
CC
V
REFL +
R2R
H
R1R2
) R1R
H )
R2R
H
V
CC
HYSTERESIS
+ V
REF *
V
REFL
HYSTERESIS
+ V
REFH *
V
REF
when the normal state is below V
REF
,or
when the normal state is above V
REF
.
Table 2. Comparator Circuits Performance Characteristics
Characteristic
LM311
LM358
LM358 w/ Trans.
Unit
Switching Speeds
Rise Time
1.40
5.58
2.20
µs
Fall Time
0.04
6.28
1.30
µs
Output Levels
VOH
4.91
3.64
5.00
V
VOL
61.1
38.0
66.0
mV
Circuit Logic Type
NEGATIVE
NEGATIVE
POSITIVE
The initial calculation for VREF will be slightly in error due to
neglecting the effect of RH. To establish a precise value for
VREF (including RH in the circuit), recompute R1 taking into
account that VREF depends on R1, R2, and RH. It turns out that
when the normal state is below VREF, RH is in parallel with R1:
V
REF +
R2
R1
ø R
H )
R2
V
CC
which is identical to the equation for V
REFH
Alternately, when the normal state is above VREF, RH is in
parallel with R2:
V
REF +
R2
ø R
H
R1
) R2 ø R
H
V
CC
which is identical to the equation for V
REFL
These two additional equations for VREF can be used to
calculate a more precise value for VREF.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com