| Electronic Components Datasheet Search |
|
MPXM2102AT1 Datasheet(PDF) 529 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AT1 Datasheet(HTML) 529 Page - Motorola, Inc |
|
529 / 670 page ![]() AN1646 3–383 Motorola Sensor Device Data www.motorola.com/semiconductors For similar reasons it is desirable to run sensor output sig- nals and their return traces as close to each other as pos- sible. Minimizing this loop area will minimize the amount of external noise that is picked up by making electrical connec- tions to the sensor. DIGITAL LAYOUT The primary layout issue with digital circuits is ground partitioning. A good place to start is with the architecture that is shown in Figure 9. This architecture has several key attrib- utes. Analog ground and digital ground are both separate and distinct from each other, and come together at only one point. For analog ground it is preferable to make the one point as close as possible to the analog to digital converter’s ground reference (VREFL). The power source ground con- nection should be as close as possible to the microcontrol- ler’s power supply return (VSS). Note also that the path from VREFL to VSS is isolated from the rest of digital ground until it approaches VSS. DIGITAL GROUND/GROUND PLANE POWER GROUND SENSOR/ANALOG GROUND VREFL VSS Figure 9. Ground Partitioning In addition to grounding, the digital portion of a system benefits from attention to avoiding 90 degree angles, since there are generally a lot of high speed signals on the digital portion of the board. Routing with 45 degree angles or curves minimizes unwanted reflections, which increases noise immu- nity. Single traces are easy, two forty five degree angles or a curve easily accomplish a 90 degree turn. It is just as important to avoid 90 degree angles in T connections. Figure 10 illus- trates correct versus incorrect routing for both cases. Figure 10. 90 Degree Angles SINGLE TRACE AVOID GOOD PRACTICE T–CONNECTION AVOID GOOD PRACTICE CONCLUSION Piezo–resistive pressure sensors produce small amounts of noise that can easily be filtered out with several methods. These methods are low pass filtering with an RC filter, averag- ing or a combination of both which can be implemented with minimal hardware cost. In a mixed sensor system, noise can be further reduced by following recommended power supply, grounding and layout techniques. REFERENCES [1] AN1626 Noise Management in Motor Drives, Warren Schultz, Motorola, Inc. [2] Noise Reduction Techniques In Electronic Systems 2nd Edition, Henry W. Ott, John Wiley & Sons. [3] Noise: Comparing Integrated Pressure Sensors and Op Amps, Ira Basket, Motorola Sensor Products Division internal paper. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |