Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2102AST1 Datasheet(PDF) 319 Page - Motorola, Inc

Part # MPXM2102AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AST1 Datasheet(HTML) 319 Page - Motorola, Inc

Back Button MPXM2102AST1 Datasheet HTML 315Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 316Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 317Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 318Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 319Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 320Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 321Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 322Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 323Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 670 page
background image
MPXV4006G SERIES
3–173
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Motorola pres-
sure sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPXV4006G6U/T1
482
Stainless Steel Cap
MPXV4006GC6U/T1
482A
Side with Port Attached
MPXV4006G7U
482B
Stainless Steel Cap
MPXV4006GC7U
482C
Side with Port Attached
MPXV4006GP
1369
Side with Port Attached
MPXV4006DP
1351
Side with Part Marking
ORDERING INFORMATION
MPXV4006G series pressure sensors are available in the basic element package or with pressure ports. Two packing options
are offered for the 482 and 482A case configurations.
Device Type
Options
Case No.
MPX Series Order No.
Packing Options
Marking
Basic Element
Element Only
482
MPXV4006G6U
Rails
MPXV4006G
Element Only
482
MPXV4006G6T1
Tape and Reel
MPXV4006G
Element Only
482
MPXV4006G7U
Rails
MPXV4006G
Ported Element
Axial Port
482A
MPXV4006GC6U
Rails
MPXV4006G
Axial Port
482A
MPXV4006GC6T1
Tape and Reel
MPXV4006G
Axial Port
482A
MPXV4006GC7U
Rails
MPXV4006G
Side Port
1369
MPXV4006GP
Trays
MPXV4006G
Dual Port
1351
MPXV4006DP
Trays
MPXV4006G
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must
be the correct size to ensure proper solder connection inter-
face between the board and the package. With the correct
footprint, the packages will self align when subjected to a sol-
der reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and short-
ing between solder pads.
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
Figure 5. SOP Footprint (Case 482)
inch
mm
SCALE 2:1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com