Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXM2102AST1 Datasheet(PDF) 427 Page - Motorola, Inc

Part # MPXM2102AST1
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AST1 Datasheet(HTML) 427 Page - Motorola, Inc

Back Button MPXM2102AST1 Datasheet HTML 423Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 424Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 425Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 426Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 427Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 428Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 429Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 430Page - Motorola, Inc MPXM2102AST1 Datasheet HTML 431Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 670 page
background image
AN1322
3–281
Motorola Sensor Device Data
www.motorola.com/semiconductors
1
3
2
9
8
7
6
5
4
3
2
1
10
11
12
13
14
15
16
17
18
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
+12 V
GND
I
G
MC78L05ACP
U3
U2
MPX5100
R3
2.7 k
R5
1 k
R2
1.2 k
U1
LM3914
3
2
LED
GND
B+
RLO
SIG
RHI
REF
ADJ
MOD
LED
LED
LED
LED
LED
LED
LED
LED
LED
C2
1
µF
1
O
FULL SCALE CAL.
ZERO CAL.
C1
0.1
µF
R4
1.3 k
R1
100
R6
100
1
3
2
D1
D2
D3
D4
D5
+5
D/A
TCAP1
TCAP2
VDD
PD0
PD1
PD2
PD3
VPP6
IRQ
PD5
VRH
VRL
PC0
PC1
PC2
PC3
PC4
XDCR1
MPX5100
U2
R3
4.7 k
R2
10 k
R1
10 k
MC34064P-5
J1
J2
C1
22 pF
R4
10 M
Y1
4 MHz
OSC1
PD7
PD6
RESET
C2
22 pF
VSS
RDI
TDO
OSC2
I2
MDC4510A
I3
MDC4510A
I4
MDC4510A
I5
MDC4510A
MV53214A
MV54124A
MV54124A
MV54124A
MV57124A
U1
MC68HC705B5FN
I1
MDC4510A
PD4
Figure 3. MPX5100 Bar Graph Pressure Gauge
Figure 4. Microcomputer Bar Graph Pressure Gauge
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com